công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADRV9002BBCZ bảng dữ liệu(PDF) 84 Page - Analog Devices

tên linh kiện ADRV9002BBCZ
Giải thích chi tiết về linh kiện  Dual Narrow-Band and Wideband RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADRV9002BBCZ bảng dữ liệu(HTML) 84 Page - Analog Devices

Back Button ADRV9002BBCZ Datasheet HTML 80Page - Analog Devices ADRV9002BBCZ Datasheet HTML 81Page - Analog Devices ADRV9002BBCZ Datasheet HTML 82Page - Analog Devices ADRV9002BBCZ Datasheet HTML 83Page - Analog Devices ADRV9002BBCZ Datasheet HTML 84Page - Analog Devices ADRV9002BBCZ Datasheet HTML 85Page - Analog Devices ADRV9002BBCZ Datasheet HTML 86Page - Analog Devices ADRV9002BBCZ Datasheet HTML 87Page - Analog Devices ADRV9002BBCZ Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 92 page
background image
Data Sheet
ADRV9002
THEORY OF OPERATION
analog.com
Rev. 0 | 84 of 92
The ADRV9002 is a highly integrated RF transceiver that can be
configured for a wide range of applications. The device integrates
all RF, mixed-signal, and digital blocks necessary to provide trans-
mit and receive functions in a single device. Programmability allows
the two receiver channels and two transmitter channels to be used
in TDD and FDD systems for mobile radio and cellular standards.
The ADRV9002 contains serial interface links that consist of LVDS
and a CMOS synchronous serial interface (CSSI). Both receiver
and transmitter channels provide a low pin count and reliable
data interface to a field-programmable gate array (FPGA) or other
integrated baseband solutions.
The ADRV9002 provides self calibration for dc offset, LO leakage,
and QEC using an integrated microcontroller core to maintain a
high performance level under varying temperatures and input signal
conditions. Firmware is supplied with the device to schedule all
calibrations with no user interaction.
TRANSMITTER
The ADRV9002 uses a direct conversion transmitter architecture
that consists of two identical and independently controlled channels
that provide all digital processing, mixed signals, PLLs, and RF
blocks necessary to implement a direct conversion system. Refer to
Figure 298 for the transmitter data path overview.
The ADRV9002 has an optional, fully programmable, 128-tap FIR.
The FIR output is sent to a series of interpolation filters that provide
additional filtering and data rate interpolation prior to reaching the
DAC. Each DAC has an adjustable sample rate and is linear up to
full scale.
The DAC output produces baseband analog signals. The I and
Q signals are first filtered to remove sampling artifacts and then
fed to the upconversion mixers. At the mixer stage, the I and Q
signals are recombined and modulated onto the carrier frequency
for transmission to the output stage. Each transmit chain provides
a wide attenuation adjustment range with fine granularity to help
designers optimize the signal-to-noise ratio (SNR).
Figure 298. Transmitter Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com