| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AIS2IH bảng dữ liệu(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AIS2IH bảng dữ liệu(HTML) 24 Page - STMicroelectronics |
|
24 / 63 page ![]() 5.3.5 Bypass-to-Continuous mode In Bypass-to-Continuous mode FIFO_CTRL (2Eh)(FMode[2:0] = '100'), data measurement storage inside FIFO starts in Continuous mode upon an internal trigger event, then the sample that follows the trigger is available in FIFO. The trigger could be a wake-up, free-fall, 6D interrupt event or any combination of these events, but every interrupt has to be routed on the corresponding pad to be used as a trigger. Figure 10. Bypass-to-Continuous mode x0 y z0 y0 x1 y1 z1 x2 y2 z2 x31 y31 z31 xi,yi,zi empty Bypass Mode Continuous Mode Trigger event x0 y0 z0 x1 y1 z1 x2 y2 z2 x31 y31 z31 xi,yi,zi x30 y30 z30 Figure 11. Trigger event to FIFO for Bypass-to-Continuous mode AIS2IH FIFO DS12421 - Rev 4 page 24/63 |