| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CDCE706 bảng dữ liệu(PDF) 10 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CDCE706 bảng dữ liệu(HTML) 10 Page - Texas Instruments |
|
10 / 32 page ![]() www.ti.com 1 7 1 1 8 1 1 S Slave Address Wr A Data Byte A P S Start Condition Sr Reapeated Start Condition Rd Read (Bit Value = 1) Wr Write (Bit Value = 0) A Acknowledg (ACK = 0 and NACK =1) P Stop Condition PE Packet Error Master to Slave Transmission Slave to Master Transmission Byte Write Programming Sequence Byte Read Programming Sequence Block Write Programming Sequence(1) CDCE706 SCAS815A – OCTOBER 2005 – REVISED OCTOBER 2005 Figure 1. Generic Programming Sequence 1 7 1 1 8 1 8 1 1 S Slave Address Wr A CommandCode A Data Byte A P Figure 2. Byte Write Protocol 1 7 1 1 8 1 1 7 1 1 S Slave Address Wr A CommandCode A S Slave Address Rd A 8 1 1 Data Byte A P Figure 3. Byte Read Protocol 1 7 1 1 8 1 8 1 S Slave Address Wr A CommandCode A Byte Count N A 8 1 8 1 8 1 1 Data Byte 0 A Data Byte 1 A - - - - - Data Byte N–1 A P (1)Data bit is reserved for revision code and vendor identification. However, this byte is used for internal test. Do not write into it other than 0000 0000. Figure 4. Block Write Protocol 10 |