| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADPD4100 bảng dữ liệu(PDF) 81 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD4100 bảng dữ liệu(HTML) 81 Page - Analog Devices |
|
81 / 101 page ![]() Data Sheet ADPD4100/ADPD4101 Rev. 0 | Page 81 of 101 Addr Name Bits Bit Name Description Reset Access1 0x001C INT_ENABLE_YT1 [15:12] Reserved Reserved. 0x0 R 11 INTY_EN_TCLN1_L INT_TCLN1_L interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN1_L status on Interrupt Y. 0x0 R/W 10 INTY_EN_TCLN1_K INT_TCLN1_K interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN1_K status on Interrupt Y. 0x0 R/W 9 INTY_EN_TCLN1_J INT_TCLN1_J interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN1_J status on Interrupt Y. 0x0 R/W 8 INTY_EN_TCLN1_I INT_TCLN1_I interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN1_I status on Interrupt Y. 0x0 R/W 7 INTY_EN_TCLN1_H INT_TCLN1_H interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN1_H status on Interrupt Y. 0x0 R/W 6 INTY_EN_TCLN1_G INT_TCLN1_G interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN1_G status on Interrupt Y. 0x0 R/W 5 INTY_EN_TCLN1_F INT_TCLN1_F interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN1_F status on Interrupt Y. 0x0 R/W 4 INTY_EN_TCLN1_E INT_TCLN1_E interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN1_E status on Interrupt Y. 0x0 R/W 3 INTY_EN_TCLN1_D INT_TCLN1_D interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN1_D status on Interrupt Y. 0x0 R/W 2 INTY_EN_TCLN1_C INT_TCLN1_C interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN1_C status on Interrupt Y. 0x0 R/W 1 INTY_EN_TCLN1_B INT_TCLN1_B interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN1_B status on Interrupt Y. 0x0 R/W 0 INTY_EN_TCLN1_A INT_TCLN1_A interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN1_A status on Interrupt Y. 0x0 R/W 0x001D INT_ENABLE_YT2 [15:12] Reserved Reserved. 0x0 R 11 INTY_EN_TCLN2_L INT_TCLN2_L interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN2_L status on Interrupt Y. 0x0 R/W 10 INTY_EN_TCLN2_K INT_TCLN2_K interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN2_K status on Interrupt Y. 0x0 R/W 9 INTY_EN_TCLN2_J INT_TCLN2_J interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN2_J status on Interrupt Y. 0x0 R/W 8 INTY_EN_TCLN2_I INT_TCLN2_I interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN2_I status on Interrupt Y. 0x0 R/W 7 INTY_EN_TCLN2_H INT_TCLN2_H interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN2_H status on Interrupt Y. 0x0 R/W 6 INTY_EN_TCLN2_G INT_TCLN2_G interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN2_G status on Interrupt Y. 0x0 R/W 5 INTY_EN_TCLN2_F INT_TCLN2_F interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN2_F status on Interrupt Y. 0x0 R/W 4 INTY_EN_TCLN2_E INT_TCLN2_E interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN2_E status on Interrupt Y. 0x0 R/W 3 INTY_EN_TCLN2_D INT_TCLN2_D interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN2_D status on Interrupt Y. 0x0 R/W 2 INTY_EN_TCLN2_C INT_TCLN2_C interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN2_C status on Interrupt Y. 0x0 R/W 1 INTY_EN_TCLN2_B INT_TCLN2_B interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN2_B status on Interrupt Y. 0x0 R/W 0 INTY_EN_TCLN2_A INT_TCLN2_A interrupt enable. Write a 1 to this bit to enable drive of INT_TCLN2_A status on Interrupt . 0x0 R/W |