công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320AV7110 bảng dữ liệu(PDF) 16 Page - Texas Instruments

tên linh kiện TMS320AV7110
Giải thích chi tiết về linh kiện  Integrated Digital Set-top Box Decoder Functional Specification
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320AV7110 bảng dữ liệu(HTML) 16 Page - Texas Instruments

Back Button TMS320AV7110 Datasheet HTML 12Page - Texas Instruments TMS320AV7110 Datasheet HTML 13Page - Texas Instruments TMS320AV7110 Datasheet HTML 14Page - Texas Instruments TMS320AV7110 Datasheet HTML 15Page - Texas Instruments TMS320AV7110 Datasheet HTML 16Page - Texas Instruments TMS320AV7110 Datasheet HTML 17Page - Texas Instruments TMS320AV7110 Datasheet HTML 18Page - Texas Instruments TMS320AV7110 Datasheet HTML 19Page - Texas Instruments TMS320AV7110 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 131 page
background image
DSP
TMS320AV7110
Revision 3.1
10/08/99 22:18
Page 16
4. ARM CPU
4.1 Features
•
Runs at 40.5 MHz
•
Supports byte (8-bit), half-word (16-bit), and word (32-bit) data types
•
Reads instructions from on-chip ROM or from the Extension Bus
•
Can switch between ARM (32-bit) or Thumb (16-bit) instruction mode
•
32-bit data and 32-bit address lines
•
7 processing modes
•
Two interrupts, FIQ and IRQ
The 32-bit ARM processor running at 40.5 MHz and its associated firmware provide the following:
•
initialization and management of all hardware modules
•
service for selected interrupts generated by hardware modules and I/O ports
•
application program interface (API) for users to develop their own applications
The on-chip SRAM (also referred to as Internal Data RAM in this document) provides the space
necessary for the ‘AV7110 to properly decode transport bit-streams without losing any packets. The
run-time support library (RTSL) and all user application software are located outside the ‘AV7110.
Details of the firmware and RTSL are provided in a separate software specification document.
The CPU in the ‘AV7110 is a 32-bit RISC processor, the ARM7TDMI/Thumb, which has the
capability to execute instructions in 16- or 32-bit format at a clock frequency of 40.5 MHz. The
regular ARM instructions are exactly one word (32-bit) long, and the data operations are only
performed on word quantities. The LOAD and STORE instructions however, can transfer either byte,
half-word or word quantities.
The Thumb uses the same 32-bit architecture with a 16-bit instruction set. That is, it retains the 32-bit
performance but reduces the code size with 16-bit instructions. With 16-bit instruction, the Thumb still
gives 70 - 80% of the performance of the ARM running ARM instructions from 32-bit memory. ARM
and Thumb are used interchangeably, throughout this document.
4.2 Block Diagram
ARM uses a LOAD and STORE architecture; i.e. all operations are on the registers. ARM has 7
different processing modes with 16, 32-bit registers visible in user mode. In the Thumb state, there are
only 8 registers available in user mode. The high registers may still be accessed through special
instructions in this case. The instruction pipeline is three stage, fetch
→ decode → execute, and most
instructions only take one cycle to execute. Figure 4 shows the data path of ARM processor core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com