công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320AV7110 bảng dữ liệu(PDF) 49 Page - Texas Instruments

tên linh kiện TMS320AV7110
Giải thích chi tiết về linh kiện  Integrated Digital Set-top Box Decoder Functional Specification
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320AV7110 bảng dữ liệu(HTML) 49 Page - Texas Instruments

Back Button TMS320AV7110 Datasheet HTML 45Page - Texas Instruments TMS320AV7110 Datasheet HTML 46Page - Texas Instruments TMS320AV7110 Datasheet HTML 47Page - Texas Instruments TMS320AV7110 Datasheet HTML 48Page - Texas Instruments TMS320AV7110 Datasheet HTML 49Page - Texas Instruments TMS320AV7110 Datasheet HTML 50Page - Texas Instruments TMS320AV7110 Datasheet HTML 51Page - Texas Instruments TMS320AV7110 Datasheet HTML 52Page - Texas Instruments TMS320AV7110 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 131 page
background image
DSP
TMS320AV7110
Revision 3.1
10/08/99 22:18
Page 49
• The clock period of the Teletext data should be 144nsec ± 5%
• Teletext transmission in DVB is covered by document ETS 300 472
• The Teletext bit rate is 6.9375MHz ± 100ppm.
• Teletext data starts at 10.2 µSec after the leading edge of the horizontal synchronization
pulse
• Teletext insertion conforms to the EBU Teletext spec ITU-R rec. 653 system B
• Each Teletext line contains 45 bytes of data
• 16 bits of clock run in, generated in the ‘AV7110
• 43 bytes of data from the PES payload
• Teletext is only inserted in PAL mode
9.2.2 WSS insertion into CVBS
• WSS data is inserted into TV line 23 only
• WSS transmission is specified in ESTI standard 300 294, ‘Television systems 625-line television
wide screen signaling (WSS)
• WSS is only inserted in PAL mode.
• WSS is only inserted into analog CVBS
• WSS data clock frequency is 5MHz ± 5%
9.2.3 Insertion mode
An API is provided for the user to select if the Teletext signal is to be inserted internally or externally.
WSS can only be inserted internally. Teletext data resolution in the composite signal for internal
insertion and on the TEXTEN pin for external insertion is 27MHz.
Internal insertion: The Teletext and WSS data are inserted by the on-chip NTSC/PAL encoder into
the analog CVBS signal.
External insertion: The Teletext signal is externally inserted via an external video encoder that has
Teletext insertion capability. To allow this mode of operation, the Teletext signal is always output on
the TEXTEN pin. The video signal on the digital out (YCOUT[7:0]) and the Teletext signal on
TEXTEN are compliant with Philips™ SA7182/3 digital video encoder’s input requirements.
Note that the external insertion option is not available if the 32-bit EBI mode is used due to pin
multiplexing. Figure 15 shows external insertion of the Teletext signal.
‘AV7110
TEXTEN
YCOUT[7:0]
YCCLK
External Video
encoder
(w/Teletext in)
e.g., Philips’
SAA7182/3
CVBS
Figure 15. External Insertion of Teletext signal
9.3 Closed Caption, Extended Data Services, and Video Aspect Ratio
Identification Signal Insertion (NTSC mode only)
Closed Caption (CC) and Extended Data Services (EDS) are transmitted as picture layer user data.
The video decoder extracts the CC and EDS information from the video bit-stream and sends it to the
NTSC/PAL encoder module.
The video decoder also extracts the aspect ratio from the bit-stream and sends it to the ARM which
prepares data according to the Video Aspect Ratio Identification Signal (VARIS) standard, EIAJ CPX -
1204. The ARM then sends the code to the NTSC/PAL encoder to insert CC data into the analog or
digital video output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com