công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DRV102F/500 bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện DRV102F/500
Giải thích chi tiết về linh kiện  PWM SOLENOID/VALVE DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DRV102F/500 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  DRV102F/500 Datasheet HTML 1Page - Texas Instruments DRV102F/500 Datasheet HTML 2Page - Texas Instruments DRV102F/500 Datasheet HTML 3Page - Texas Instruments DRV102F/500 Datasheet HTML 4Page - Texas Instruments DRV102F/500 Datasheet HTML 5Page - Texas Instruments DRV102F/500 Datasheet HTML 6Page - Texas Instruments DRV102F/500 Datasheet HTML 7Page - Texas Instruments DRV102F/500 Datasheet HTML 8Page - Texas Instruments DRV102F/500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
DRV102
2
SBVS009A
www.ti.com
SPECIFICATIONS
At TC = +25°C, VS = +24V, load = series diode MUR415 and 100Ω, and 4.99kΩ Flag pull-up to +5V, unless otherwise noted.
DRV102T, F
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
Output Saturation Voltage, Source
IO = 1A
+1.7
+2.2
V
IO = 0.1A
+1.3
+1.7
V
Current Limit
2
2.7
3.4
A
Under-Scale Current
16
mA
Leakage Current
Output Transistor Off, VS = +60V, VO = 0V
±0.01
±2mA
DIGITAL CONTROL INPUT(1)
VCTR Low (output disabled)
0
+1.2
V
VCTR High (output enabled)
+2.2
VS
V
ICTR Low (output disabled)
VCTR = 0V
–80(2)
µA
ICTR High (output enabled)
VCTR = +5V
20(2)
µA
Propagation Delay: On-to-Off
0.9
µs
Off-to-On
1.8
µs
DELAY TO PWM(3)
dc to PWM Mode
Delay Equation(4)
Delay to PWM
≈ C
D • 10
6 (C
D in F)
s
Delay Time
CD = 0.1µF
80
97
110
ms
Minimum Delay Time(5)
CD = 0
15
µs
DUTY CYCLE ADJUST
Duty Cycle Range
10 to 90
%
Duty Cycle Accuracy
49% Duty Cycle, RPWM = 25.5kΩ±1
±7%
vs Supply Voltage
49% Duty Cycle, VS = 8V to 60V
±1
±5%
Nonlinearity(6)
20% to 80% Duty Cycle
±2
% FSR
DYNAMIC RESPONSE
Output Voltage Rise Time
VO = 10% to 90% of VS
0.25
2.5
µs
Output Voltage Fall Time
VO = 90% to 10% of VS
0.25
2.5
µs
Oscillator Frequency
19
24
29
kHz
FLAG
Normal Operation
20k
Ω Pull-Up to +5V, I
O < 1.5A
+4
+4.9
V
Fault(7)
Sinking 1mA
+0.2
+0.4
V
Sink Current
VFLAG = 0.4V
2
mA
Under-Current Flag: Set
5.2
µs
Reset
11
µs
Over-Current Flag:
Set
5.2
µs
Reset
11.5
µs
THERMAL SHUTDOWN
Junction Temperature
Shutdown
+165
°C
Reset from Shutdown
+150
°C
POWER SUPPLY
Specified Operating Voltage
+24
V
Operating Voltage Range
+8
+60
V
Quiescent Current
IO = 0
6.5
9
mA
TEMPERATURE RANGE
Specified Range
–55
+125
°C
Storage Range
–55
+125
°C
Thermal Resistance,
θ
JC
7-Lead DDPAK, 7-Lead TO-220
3
°C/W
Thermal Resistance,
θ
JA
7-Lead DDPAK, 7-Lead TO-220
No Heat Sink
65
°C/W
NOTES: (1) Logic high enables output (normal operation). (2) Negative conventional current flows out of the terminals. (3) Constant dc output to PWM (pulse-width
modulated) time. (4) Maximum delay is determined by an external capacitor. Pulling the Delay Adjust pin low corresponds to an infinite (continuous) delay.
(5) Connecting the Delay Adjust pin to +5V reduces delay time to 3
µs. (6) V
IN at pin 3 to percent of duty cycle at pin 6. (7) A fault results from over-temperature,
over-current, or under-current conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com