công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F2002IRSA bảng dữ liệu(PDF) 22 Page - Texas Instruments

tên linh kiện MSP430F2002IRSA
Giải thích chi tiết về linh kiện  MIXED SIGNAL MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IRSA bảng dữ liệu(HTML) 22 Page - Texas Instruments

Back Button MSP430F2002IRSA Datasheet HTML 18Page - Texas Instruments MSP430F2002IRSA Datasheet HTML 19Page - Texas Instruments MSP430F2002IRSA Datasheet HTML 20Page - Texas Instruments MSP430F2002IRSA Datasheet HTML 21Page - Texas Instruments MSP430F2002IRSA Datasheet HTML 22Page - Texas Instruments MSP430F2002IRSA Datasheet HTML 23Page - Texas Instruments MSP430F2002IRSA Datasheet HTML 24Page - Texas Instruments MSP430F2002IRSA Datasheet HTML 25Page - Texas Instruments MSP430F2002IRSA Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 80 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491A − AUGUST 2005 − REVISED OCTOBER 2005
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
low power mode supply currents (into VCC) excluding external current (see Notes 1 and 2)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
ILPM0, 1MHz
Low-power mode
0 (LPM0) current,
fMCLK = 0MHz,
fSMCLK = fDCO = 1MHz,
fACLK = 32,768Hz,
2.2 V
65
80
µA
ILPM0, 1MHz 0 (LPM0) current,
see Note 3
fACLK = 32,768Hz,
BCSCTL1 = CALBC1_1MHz,
DCOCTL = CALDCO_1MHz,
CPUOFF = 1, SCG0 = 0, SCG1 = 0, OSCOFF = 0
3 V
85
100
µA
ILPM0,100kHz
Low-power mode
0 (LPM0) current,
fMCLK = 0MHz,
fSMCLK = fDCO(0, 0) ≈ 100kHz,
fACLK = 0Hz,
2.2 V
37
48
µA
ILPM0,100kHz 0 (LPM0) current,
see Note 3
SMCLK
DCO(0, 0)
fACLK = 0Hz,
RSELx = 0, DCOx = 0,
CPUOFF = 1, SCG0 = 0, SCG1 = 0, OSCOFF = 1
3 V
41
52
µA
ILPM2
Low-power mode
1 (LPM2) current,
fMCLK = fSMCLK = 0MHz, fDCO = 1MHz,
fACLK = 32,768Hz,
BCSCTL1 = CALBC1_1MHz,
2.2 V
22
29
µA
ILPM2
1 (LPM2) current,
see Note 4
ACLK
BCSCTL1 = CALBC1_1MHz,
DCOCTL = CALDCO_1MHz,
CPUOFF = 1, SCG0 = 0, SCG1 = 1, OSCOFF = 0
3 V
25
32
µA
TA = −40°C
0.7
1.2
Low-power mode
fDCO = fMCLK = fSMCLK = 0MHz,
TA = 25°C
2.2 V
0.7
1.0
ILPM3,LFXT1
Low-power mode
3 (LPM3) current,
fDCO = fMCLK = fSMCLK = 0MHz,
fACLK = 32,768Hz,
TA = 85°C
2.2 V
1.4
2.3
µA
ILPM3,LFXT1
3 (LPM3) current,
see Note 4
fACLK = 32,768Hz,
CPUOFF = 1, SCG0 = 1, SCG1 = 1,
OSCOFF = 0
TA = −40°C
0.9
1.2
µA
see Note 4
CPUOFF = 1, SCG0 = 1, SCG1 = 1,
OSCOFF = 0
TA = 25°C
3 V
0.9
1.2
TA = 85°C
3 V
1.6
2.8
TA = −40°C
0.4
0.7
Low-power mode
fDCO = fMCLK = fSMCLK = 0MHz,
TA = 25°C
2.2 V
0.5
0.7
ILPM3,VLO
Low-power mode
3 current, (LPM3)
fDCO = fMCLK = fSMCLK = 0MHz,
fACLK from internal LF oscillator (VLO),
TA = 85°C
2.2 V
1.0
1.6
µA
ILPM3,VLO
3 current, (LPM3)
see Note 4
fACLK from internal LF oscillator (VLO),
CPUOFF = 1, SCG0 = 1, SCG1 = 1,
OSCOFF = 0
TA = −40°C
0.5
0.9
µA
see Note 4
CPUOFF = 1, SCG0 = 1, SCG1 = 1,
OSCOFF = 0
TA = 25°C
3 V
0.6
0.9
TA = 85°C
3 V
1.3
1.8
Low-power mode
fDCO = fMCLK = fSMCLK = 0MHz,
f
= 32,768Hz,
TA = −40°C
0.1
0.5
ILPM4
Low-power mode
4 (LPM4) current,
see Note 5
fDCO = fMCLK = fSMCLK = 0MHz,
fACLK = 32,768Hz,
CPUOFF = 1, SCG0 = 1, SCG1 = 1,
TA = 25°C
2.2 V/3 V
0.1
0.5
µA
ILPM4
4 (LPM4) current,
see Note 5
CPUOFF = 1, SCG0 = 1, SCG1 = 1,
OSCOFF = 1
TA = 85°C
2.2 V/3 V
0.8
1.5
µA
NOTES:
1. All inputs are tied to 0 V or VCC. Outputs do not source or sink any current.
2. The currents are characterized with a Micro Crystal CC4V−T1A SMD crystal with a load capacitance of 9 pF.
The internal and external load capacitance is chosen to closely match the required 9pF.
3. Current for brownout and WDT clocked by SMCLK included.
4. Current for brownout and WDT clocked by ACLK included.
5. Current for brownout included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com