công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F2002IRSA bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện MSP430F2002IRSA
Giải thích chi tiết về linh kiện  MIXED SIGNAL MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IRSA bảng dữ liệu(HTML) 1 Page - Texas Instruments

  MSP430F2002IRSA Datasheet HTML 1Page - Texas Instruments MSP430F2002IRSA Datasheet HTML 2Page - Texas Instruments MSP430F2002IRSA Datasheet HTML 3Page - Texas Instruments MSP430F2002IRSA Datasheet HTML 4Page - Texas Instruments MSP430F2002IRSA Datasheet HTML 5Page - Texas Instruments MSP430F2002IRSA Datasheet HTML 6Page - Texas Instruments MSP430F2002IRSA Datasheet HTML 7Page - Texas Instruments MSP430F2002IRSA Datasheet HTML 8Page - Texas Instruments MSP430F2002IRSA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491A − AUGUST 2005 − REVISED OCTOBER 2005
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Supply Voltage Range 1.8 V to 3.6 V
D Ultralow-Power Consumption
− Active Mode: 220
µA at 1 MHz, 2.2 V
− Standby Mode: 0.5
µA
− Off Mode (RAM Retention): 0.1
µA
D Five Power-Saving Modes
D Ultrafast Wake-Up From Standby Mode in
less than 1
µs
D 16-Bit RISC Architecture, 62.5 ns
Instruction Cycle Time
D Basic Clock Module Configurations:
− Internal Frequencies up to 16MHz with
4 Calibrated Frequencies to
±1%
− Internal Very Low Power LF oscillator
− 32-kHz Crystal
− External Digital Clock Source
D 16-Bit Timer_A With Two Capture/Compare
Registers
D On-Chip Comparator for Analog Signal
Compare Function or Slope A/D
(MSP430x20x1 only)
D 10-Bit, 200-ksps A/D Converter with Internal
Reference, Sample-and-Hold, and
Autoscan. (MSP430x20x2 only)
D 16-Bit Sigma-Delta A/D Converter with
Differential PGA Inputs, and Internal
Reference (MSP430x20x3 only)
D Universal Serial Interface (USI), supporting
SPI and I2C
(MSP430x20x2 and MSP430x20x3 only)
D Brownout Detector
D Serial Onboard Programming,
No External Programming Voltage Needed
Programmable Code Protection by
Security Fuse
D On-Chip Emulation Logic with Spy-Bi-Wire
Interface
D Family Members Include:
MSP430F2001†: 1KB + 256B Flash Memory
128B RAM
MSP430F2011†: 2KB + 256B Flash Memory
128B RAM
MSP430F2002†: 1KB + 256B Flash Memory
128B RAM
MSP430F2012†: 2KB + 256B Flash Memory
128B RAM
MSP430F2003: 1KB + 256B Flash Memory
128B RAM
MSP430F2013: 2KB + 256B Flash Memory
128B RAM
D Available in a 14-Pin Plastic Small-Outline
Thin Package (TSSOP), 14-Pin Plastic Dual
Inline Package (PDIP), and 16-Pin QFN
D For Complete Module Descriptions, Refer
to the MSP430x2xx Family User’s Guide
† Product Preview
description
The Texas Instruments MSP430 family of ultralow power microcontrollers consist of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low power
modes is optimized to achieve extended battery life in portable measurement applications. The device features
a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that attribute to maximum code efficiency.
The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less than 1
µs.
The MSP430x20xx series is an ultralow-power mixed signal microcontroller with a built-in 16-bit timer, and ten
I/O pins. In addition the MSP430x20x1 has a versatile analog comparator. The MSP430x20x2 and
MSP430x20x3 have built-in communication capability using synchronous protocols (SPI or I2C), and a 10-bit
A/D converter (MSP430x20x2) or a 16-bit sigma-delta A/D converter (MSP430x20x3).
Typical applications include sensor systems that capture analog signals, convert them to digital values, and then
process the data for display or for transmission to a host system. Stand alone RF sensor front end is another
area of application.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2005 Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Số phần tương tự - MSP430F2002IRSA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430F2002IRSA TI1-MSP430F2002IRSA Datasheet
1Mb / 92P
MIXED SIGNAL MICROCONTROLLER
MSP430F2002IRSA TI1-MSP430F2002IRSA Datasheet
1Mb / 94P
MIXED SIGNAL MICROCONTROLLER
MSP430F2002IRSA TI2-MSP430F2002IRSA Datasheet
2Mb / 102P
MIXED SIGNAL MICROCONTROLLER
REVISED DECEMBER 2012
MSP430F2002IRSAR TI-MSP430F2002IRSAR Datasheet
2Mb / 88P
MIXED SIGNAL MICROCONTROLLER
MSP430F2002IRSAR TI-MSP430F2002IRSAR Datasheet
1Mb / 91P
MIXED SIGNAL MICROCONTROLLER
More results

Mô tả tương tự - MSP430F2002IRSA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com