công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F2012 bảng dữ liệu(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F2012
Giải thích chi tiết về linh kiện  MIXED SIGNAL MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2012 bảng dữ liệu(HTML) 35 Page - Texas Instruments

Back Button MSP430F2012 Datasheet HTML 31Page - Texas Instruments MSP430F2012 Datasheet HTML 32Page - Texas Instruments MSP430F2012 Datasheet HTML 33Page - Texas Instruments MSP430F2012 Datasheet HTML 34Page - Texas Instruments MSP430F2012 Datasheet HTML 35Page - Texas Instruments MSP430F2012 Datasheet HTML 36Page - Texas Instruments MSP430F2012 Datasheet HTML 37Page - Texas Instruments MSP430F2012 Datasheet HTML 38Page - Texas Instruments MSP430F2012 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 80 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491A − AUGUST 2005 − REVISED OCTOBER 2005
35
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MSP430x20x1 electrical characteristics over recommended ranges of supply voltage and
operating free-air temperature (unless otherwise noted)
Comparator_A+ (see Note 1, MSP430x20x1 only)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
I(DD)
CAON=1, CARSEL=0, CAREF=0
2.2 V
25
40
µA
I(DD)
CAON=1, CARSEL=0, CAREF=0
3 V
45
60
µA
I(Refladder/RefDiode)
CAON=1, CARSEL=0,
CAREF=1/2/3,
2.2 V
30
50
µA
I(Refladder/RefDiode)
CAREF=1/2/3,
no load at P1.0/CA0 and P1.1/CA1
3 V
45
71
µA
V(IC)
Common-mode input
voltage
CAON=1
2.2 V/3 V
0
VCC−1
V
V(Ref025)
Voltage @ 0.25 V
CC
node
V
CC
PCA0=1, CARSEL=1, CAREF=1,
no load at P1.0/CA0 and P1.1/CA1
2.2 V/3 V
0.23
0.24
0.25
V(Ref050)
Voltage @ 0.5V
CC
node
V
CC
PCA0=1, CARSEL=1, CAREF=2,
no load at P1.0/CA0 and P1.1/CA1
2.2 V/3 V
0.47
0.48
0.5
V(RefVT)
(see Figure 19 and Figure 20)
PCA0=1, CARSEL=1, CAREF=3,
no load at P1.0/CA0 and P1.1/CA1,
2.2 V
390
480
540
mV
V(RefVT)
(see Figure 19 and Figure 20)
no load at P1.0/CA0 and P1.1/CA1,
TA = 85°C
3 V
400
490
550
mV
V(offset)
Offset voltage
See Note 2
2.2 V/3 V
−30
30
mV
Vhys
Input hysteresis
CAON=1
2.2 V/3 V
0
0.7
1.4
mV
TA = 25°C, Overdrive 10 mV,
Without filter: CAF=0
2.2 V
80
165
300
ns
t(response)
Response time
Without filter: CAF=0
(see Note 3, Figure 16 and
Figure 17)
3 V
70
120
240
ns
t(response)
Response time
(low−high and high−low)
TA = 25°C, Overdrive 10 mV,
With filter: CAF=1
2.2 V
1.4
1.9
2.8
µs
With filter: CAF=1
(see Note 3, Figure 16 and
Figure 17)
3 V
0.9
1.5
2.2
µs
NOTES:
1. The leakage current for the Comparator_A+ terminals is identical to Ilkg(Px.x) specification.
2. The input offset voltage can be cancelled by using the CAEX bit to invert the Comparator_A+ inputs on successive measurements.
The two successive measurements are then summed together.
3. Response time measured at P1.3/CAOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com