công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F2002 bảng dữ liệu(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F2002
Giải thích chi tiết về linh kiện  MIXED SIGNAL MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002 bảng dữ liệu(HTML) 44 Page - Texas Instruments

Back Button MSP430F2002 Datasheet HTML 40Page - Texas Instruments MSP430F2002 Datasheet HTML 41Page - Texas Instruments MSP430F2002 Datasheet HTML 42Page - Texas Instruments MSP430F2002 Datasheet HTML 43Page - Texas Instruments MSP430F2002 Datasheet HTML 44Page - Texas Instruments MSP430F2002 Datasheet HTML 45Page - Texas Instruments MSP430F2002 Datasheet HTML 46Page - Texas Instruments MSP430F2002 Datasheet HTML 47Page - Texas Instruments MSP430F2002 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 80 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491A − AUGUST 2005 − REVISED OCTOBER 2005
44
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MSP430x20x3 electrical characteristics over recommended ranges of supply voltage and
operating free-air temperature (unless otherwise noted) (continued)
SD16_A, SINAD performance (fSD16 = 1MHz, SD16OSRx = 1024, SD16REFON = 1, MSP430x20x3 only)
PARAMETER
TEST CONDITIONS
VCC
PW, or N
RSA
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MIN
TYP
UNIT
SD16GAINx = 1,
Signal Amplitude: VIN = 500mV,
Signal Frequency: fIN = 100Hz
3 V
84
85
TBD
TBD
SD16GAINx = 2,
Signal Amplitude: VIN = 250mV,
Signal Frequency: fIN = 100Hz
3 V
82
83
TBD
TBD
SINAD1024
Signal-to-Noise + Distortion Ratio
SD16GAINx = 4,
Signal Amplitude: VIN = 125mV,
Signal Frequency: fIN = 100Hz
3 V
78
79
TBD
TBD
dB
SINAD1024
Signal-to-Noise + Distortion Ratio
(OSR = 1024)
SD16GAINx = 8,
Signal Amplitude: VIN = 62mV,
Signal Frequency: fIN = 100Hz
3 V
73
74
TBD
TBD
dB
SD16GAINx = 16,
Signal Amplitude: VIN = 31mV,
Signal Frequency: fIN = 100Hz
3 V
68
69
TBD
TBD
SD16GAINx = 32,
Signal Amplitude: VIN = 15mV,
Signal Frequency: fIN = 100Hz
3 V
62
63
TBD
TBD
SD16_A, SINAD performance (fSD16 = 1MHz, SD16OSRx = 256, SD16REFON = 1, MSP430x20x3 only)
PARAMETER
TEST CONDITIONS
VCC
PW, or N
RSA
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MIN
TYP
UNIT
SD16GAINx = 1,
Signal Amplitude: VIN = 500mV,
Signal Frequency: fIN = 100Hz
3 V
80
81
TBD
TBD
SD16GAINx = 2,
Signal Amplitude: VIN = 250mV,
Signal Frequency: fIN = 100Hz
3 V
74
75
TBD
TBD
SINAD256
Signal-to-Noise + Distortion Ratio
SD16GAINx = 4,
Signal Amplitude: VIN = 125mV,
Signal Frequency: fIN = 100Hz
3 V
69
70
TBD
TBD
dB
SINAD256
Signal-to-Noise + Distortion Ratio
(OSR = 256)
SD16GAINx = 8,
Signal Amplitude: VIN = 62mV,
Signal Frequency: fIN = 100Hz
3 V
63
64
TBD
TBD
dB
SD16GAINx = 16,
Signal Amplitude: VIN = 31mV,
Signal Frequency: fIN = 100Hz
3 V
58
59
TBD
TBD
SD16GAINx = 32,
Signal Amplitude: VIN = 15mV,
Signal Frequency: fIN = 100Hz
3 V
52
53
TBD
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com