công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CRGP bảng dữ liệu(PDF) 9 Page - TE Connectivity Ltd

tên linh kiện CRGP
Giải thích chi tiết về linh kiện  SMD Precision Pulse Thick Film Chip Resistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

CRGP bảng dữ liệu(HTML) 9 Page - TE Connectivity Ltd

Back Button CRGP Datasheet HTML 2Page - TE Connectivity Ltd CRGP Datasheet HTML 3Page - TE Connectivity Ltd CRGP Datasheet HTML 4Page - TE Connectivity Ltd CRGP Datasheet HTML 5Page - TE Connectivity Ltd CRGP Datasheet HTML 6Page - TE Connectivity Ltd CRGP Datasheet HTML 7Page - TE Connectivity Ltd CRGP Datasheet HTML 8Page - TE Connectivity Ltd CRGP Datasheet HTML 9Page - TE Connectivity Ltd CRGP Datasheet HTML 10Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SMD Precision Pulse Thick Film Chip Resistor
9-1773463-9 CIS WR 03/2018
Dimensions in
millimetres unless
otherwise specified
Dimensions Shown for
reference purposes only.
Specifications subject to
change
For Email, phone or live chat,
go to: www.te.com/help
Label:
A. TE Product Number
B. Product Description
C. Quantity
D. Lot Number
E. RoHS Statement
Example:
Environment Related Substance
This product complies to EU RoHS directive, EU PAHs directive, EU PFOS directive and
Halogen free.
Ozone layer depleting substances.
Ozone depleting substances are not used in our manufacturing process of this
product.
This product is not manufactured using Chloro fluorocarbons (CFCs),
Hydrochlorofluorocarbons (HCFCs), Hydrobromofluorocarbons (HBFCs) or other
ozone depleting substances in any phase of the manufacturing process.
Storage Condition
The performance of these products, including the solderability, is guaranteed for a
year from the date of arrival at your company, provided that they remain packed as
they were when delivered and stored at a temperature of 25°C ± 10°C and a relative
humidity of 60%RH ± 10%RH, chemical and dust free atmosphere
Even within the above guarantee periods, do not store these products in the
following conditions otherwise, their electrical performance and/or solderability may
be deteriorated, and the packaging materials (e.g. taping materials) may be deformed
or deteriorated, resulting in mounting failures.
1. In salty air or in air with a high concentration of corrosive gas, such as Cl2, H2S,
NH3, SO2, or NO2
2. In direct sunlight



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com