công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PRT2011DAG5A bảng dữ liệu(PDF) 49 Page - NXP Semiconductors

tên linh kiện PRT2011DAG5A
Giải thích chi tiết về linh kiện  i.MX RT1064 Crossover Processors Data Sheet for Consumer Products
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PRT2011DAG5A bảng dữ liệu(HTML) 49 Page - NXP Semiconductors

Back Button PRT2011DAG5A Datasheet HTML 45Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 46Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 47Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 48Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 49Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 50Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 51Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 52Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 112 page
background image
Electrical Characteristics
i.MX RT1064 Crossover Processors Data Sheet for Consumer Products, Rev. 2, 08/2020
NXP Semiconductors
49
NOTE
Timing shown is based on the memory generating read data and read strobe
on the SCK rising edge. The FlexSPI controller samples read data on the
DQS falling edge.
Figure 21. FlexSPI input timing in SDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0X3 (case A2)
NOTE
Timing shown is based on the memory generating read data on the SCK
falling edge and read strobe on the SCK rising edge. The FlexSPI controller
samples read data on a half cycle delayed DQS falling edge.
4.5.2.1.3
DDR mode with FlexSPIn_MCR0[RXCLKSRC] = 0x0, 0x1
Table 40. FlexSPI input timing in SDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0x3 (case A2)
Symbol
Parameter
Value
Unit
Min
Max
Frequency of operation
—
166
MHz
TSCKD
Time from SCK to data valid
—
—
ns
TSCKDQS
Time from SCK to DQS
—
—
ns
TSCKD - TSCKDQS
Time delta between TSCKD and TSCKDQS
-2
2
ns
Table 41. FlexSPI input timing in DDR mode where FlexSPIn_MCR0[RXCLKSRC] = 0x0
Symbol
Parameter
Min
Max
Unit
Frequency of operation
—
30
MHz
TIS
Setup time for incoming data
8.67
—
ns
TIH
Hold time for incoming data
0
—
ns
TSCKDQS
TSCKD
SCK
SIO[0:7]
DQS
Internal Sample Clock
TSCKDQS
TSCKD
TSCKDQS
TSCKD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com