công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PRT2011DAG5A bảng dữ liệu(PDF) 43 Page - NXP Semiconductors

tên linh kiện PRT2011DAG5A
Giải thích chi tiết về linh kiện  i.MX RT1064 Crossover Processors Data Sheet for Consumer Products
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PRT2011DAG5A bảng dữ liệu(HTML) 43 Page - NXP Semiconductors

Back Button PRT2011DAG5A Datasheet HTML 39Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 40Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 41Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 42Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 43Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 44Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 45Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 46Page - NXP Semiconductors PRT2011DAG5A Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 112 page
background image
Electrical Characteristics
i.MX RT1064 Crossover Processors Data Sheet for Consumer Products, Rev. 2, 08/2020
NXP Semiconductors
43
Figure 14. Trace data specifications
4.5
External memory interface
The following sections provide information about external memory interfaces.
4.5.1
SEMC specifications
The following sections provide information on SEMC interface.
Measurements are with a load of 15 pf and an input slew rate of 1 V/ns.
4.5.1.1
SEMC output timing
There are ASYNC and SYNC mode for SEMC output timing.
4.5.1.1.1
SEMC output timing in ASYNC mode
Table 32 shows SEMC output timing in ASYNC mode.
Table 32. SEMC output timing in ASYNC mode
Symbol
Parameter
Min.
Max.
Unit
Comment
Frequency of operation
—
166
MHz
TCK
Internal clock period
6
—
ns
TAVO
Address output valid time
—
2
ns
These timing parameters
apply to Address and ADV#
for NOR/PSRAM in ASYNC
mode.
TAHO
Address output hold time
(TCK - 2) 1
1 Address output hold time is configurable by SEMC_*CR0.AH. AH field setting value is 0x0 in above table. When AH is set
with value N, TAHO min time should be ((N + 1) x TCK). See the i.MX RT1064 Reference Manual (IMXRT1064RM) for more
detail about SEMC_*CR0.AH register field.
—ns
TADVL
ADV# low time
(TCK - 1) 2
TDVO
Data output valid time
—
2
ns
These timing parameters
apply to Data/CLE/ALE and
WE# for NAND, apply to
Data/DM/CRE for
NOR/PSRAM, apply to
Data/DCX and WRX for DBI
interface.
TDHO
Data output hold time
(TCK - 2) 3
—ns
TWEL
WE# low time
(TCK - 1) 4
ns
T8
T7
T7
T8
ARM_TRACE_CLK
ARM_TRACE0-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com