công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMUX7208 bảng dữ liệu(PDF) 36 Page - Texas Instruments

tên linh kiện TMUX7208
Giải thích chi tiết về linh kiện  TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMUX7208 bảng dữ liệu(HTML) 36 Page - Texas Instruments

Back Button TMUX7208_V01 Datasheet HTML 32Page - Texas Instruments TMUX7208_V01 Datasheet HTML 33Page - Texas Instruments TMUX7208_V01 Datasheet HTML 34Page - Texas Instruments TMUX7208_V01 Datasheet HTML 35Page - Texas Instruments TMUX7208_V01 Datasheet HTML 36Page - Texas Instruments TMUX7208_V01 Datasheet HTML 37Page - Texas Instruments TMUX7208_V01 Datasheet HTML 38Page - Texas Instruments TMUX7208_V01 Datasheet HTML 39Page - Texas Instruments TMUX7208_V01 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
10 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
10.1 Application Information
The TMUX7208 and TMUX7209 are part of the precision switches and multiplexers family of devices. These
devices operate with dual supplies (±4.5 V to ±22 V), a single supply (4.5 V to 44 V), or asymmetric supplies
(such as VDD = 12 V, VSS = –5 V), and offer true rail-to-rail input and output. The TMUX7208 and TMUX7209
offer low RON, low on and off leakage currents and ultra-low charge injection performance. These features
makes the TMUX72xx a family of precision, robust, high-performance analog multiplexers for high-voltage,
industrial applications.
10.2 Typical Application
One example to take advantage of performance is the implementation of multiplexed data acquisition front end
for multiple input sensors. Applications such as analog input modules for programmable logic controllers (PLCs),
data acquisition (DAQ), and semiconductor test systems commonly need to monitor multiple signals into a single
ADC channel. The multiple inputs can come from different system voltages being monitored, or environmental
sensors such as temperature or humidity. Figure 10-1 shows a simplified example of monitoring multiple inputs
into a single ADC using a multiplexer.
Analog Inputs
LED
Photo
Detector
Bridge Sensor
Thermocouple
Current
Sensing
Optical Sensor
TMUX7208
ADS8661
D
S1
S2
S3
S4
S5
S6
S7
S8
A0
A1
A2
GND
VDD +15 V
1.8V Logic
Control Signals
EN
VDD
VSS -15 V
±12V
Inputs
VDD +5 V
CFLT
RFLT
Figure 10-1. Multiplexed Data Acquisition Front End
TMUX7208, TMUX7209
SCDS418B – JULY 2020 – REVISED APRIL 2021
www.ti.com
36
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7208 TMUX7209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com