công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMUX7208 bảng dữ liệu(PDF) 33 Page - Texas Instruments

tên linh kiện TMUX7208
Giải thích chi tiết về linh kiện  TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMUX7208 bảng dữ liệu(HTML) 33 Page - Texas Instruments

Back Button TMUX7208_V01 Datasheet HTML 29Page - Texas Instruments TMUX7208_V01 Datasheet HTML 30Page - Texas Instruments TMUX7208_V01 Datasheet HTML 31Page - Texas Instruments TMUX7208_V01 Datasheet HTML 32Page - Texas Instruments TMUX7208_V01 Datasheet HTML 33Page - Texas Instruments TMUX7208_V01 Datasheet HTML 34Page - Texas Instruments TMUX7208_V01 Datasheet HTML 35Page - Texas Instruments TMUX7208_V01 Datasheet HTML 36Page - Texas Instruments TMUX7208_V01 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
9 Detailed Description
9.1 Overview
The TMUX7208 is an 8:1, 1-channel multiplexer and the TMUX7209 is a 4:1, 2 channel multiplexer. Each
channel is turned on or turned off based on the state of the address lines and enable pin.
9.2 Functional Block Diagram
SW
SW
S1
S2
D
VDD
VSS
TMUX7208
SW
S8
Logic Decoder
A0
A1
A2
EN
SW
SW
S1A
DA
TMUX7209
Logic Decoder
A0
A1
S4A
SW
SW
S1B
DB
S4B
VDD
VSS
EN
Figure 9-1. Functional Block Diagram
9.3 Feature Description
9.3.1 Bidirectional Operation
The TMUX7208 and TMUX7209 conduct equally well from source (Sx) to drain (D) or from drain (D) to source
(Sx). Each channel has similar characteristics in both directions and supports both analog and digital signals.
9.3.2 Rail-to-Rail Operation
The valid signal path input or output voltage for TMUX7208 and TMUX7209 ranges from VSS to VDD.
9.3.3 1.8 V Logic Compatible Inputs
TMUX7208 and TMUX7209 have 1.8-V logic compatible control for all logic control inputs. 1.8-V logic level
inputs allows the to interface with processors that have lower logic I/O rails and eliminates the need for an
external translator, which saves both space and BOM cost. For more information on 1.8 V logic implementations
refer to Simplifying Design with 1.8 V logic Muxes and Switches.
9.3.4 Fail-Safe Logic
TMUX7208 and TMUX7209 support Fail-Safe Logic on the control input pins (EN and Ax) allowing it to operate
up to 44 V, regardless of the state of the supply pins. This feature allows voltages on the control pins to be
applied before the supply pin, protecting the device from potential damage. Fail-Safe Logic minimizes system
complexity by removing the need for power supply sequencing on the logic control pins. For example, the
Fail-Safe Logic feature allows the TMUX7208 and TMUX7209 logic input pins to ramp up to +44 V while VDD
and VSS = 0 V. The logic control inputs are protected against positive faults of up to +44 V in powered-off
condition, but do not offer protection against negative overvoltage conditions.
www.ti.com
TMUX7208, TMUX7209
SCDS418B – JULY 2020 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TMUX7208 TMUX7209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com