công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PRT2011DAF4A bảng dữ liệu(PDF) 9 Page - NXP Semiconductors

tên linh kiện PRT2011DAF4A
Giải thích chi tiết về linh kiện  i.MX RT1064 Crossover Processors for Industrial Products
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PRT2011DAF4A bảng dữ liệu(HTML) 9 Page - NXP Semiconductors

Back Button PRT2011DAF4A Datasheet HTML 5Page - NXP Semiconductors PRT2011DAF4A Datasheet HTML 6Page - NXP Semiconductors PRT2011DAF4A Datasheet HTML 7Page - NXP Semiconductors PRT2011DAF4A Datasheet HTML 8Page - NXP Semiconductors PRT2011DAF4A Datasheet HTML 9Page - NXP Semiconductors PRT2011DAF4A Datasheet HTML 10Page - NXP Semiconductors PRT2011DAF4A Datasheet HTML 11Page - NXP Semiconductors PRT2011DAF4A Datasheet HTML 12Page - NXP Semiconductors PRT2011DAF4A Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 113 page
background image
Architectural Overview
i.MX RT1064 Crossover Processors for Industrial Products, Rev. 2, 08/2020
NXP Semiconductors
9
2
Architectural Overview
The following subsections provide an architectural overview of the i.MX RT1064 processor system.
2.1
Block diagram
Figure 2 shows the functional modules in the i.MX RT1064 processor system.
.
Figure 2. i.MX RT1064 system block diagram
Internal Memory
512 KB SRAM
128 KB ROM
Multimedia
Connectivity
eMMC 4.5 / SD 3.0 x2
8 x 8 Keypad
External Memory
I2C x4
UART x8
S/PDIF Tx / Rx
GPIO
SPI x4
ADC
System Control
Secure JTAG
PLL / OSC
RTC and Reset
Enhanced DMA
IOMUX
GP Timer x6
CPU Platform
Arm Cortex-M7
32 KB I-cache
32 KB D-cache
FPU
Dual-channel QuadSPI
External Memory Controller
8-bit / 16-bit SDRAM
Parallel NOR FLASH
NAND FLASH
PSRAM
MPU
NVIC
512 KB TCM/OCRAM
FlexCAN x2 + FlexCAN ( with
USB 2.0 OTG with PHY x2
10 / 100 ENET x2
with IEEE 1588
ADC x2 (16-Channel)
ACMP x4
8 / 16 / 24-bit Parallel CSI
24-bit Parallel LCD
Arm Cortex-M7
32 KB I-cache
32 KB D-cache
FPU
MPU
NVIC
512 KB TCM/OCRAM
PXP
2D Graphics Acceleration
Resize, CSC, Overlay, Rotation
Quadrature ENC x4
QuadTimer x4
FlexPWM x4
Watch Dog x4
Power Management
DCDC
LDO
Temp Monitor
Security
Ciphers and RNG
Secure RTC
eFuse
HAB
I2S / SAI x3
Octal/Hyper Flash/RAM x1
FlexIO x2
HS_GPIO
FlexIO
XBAR/AOI
Flexible Data-Rate supported)
4 MB Flash
20-Channel in total



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com