| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8569GEDS/RV bảng dữ liệu(PDF) 17 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8569GEDS/RV bảng dữ liệu(HTML) 17 Page - Wolfson Microelectronics plc |
|
17 / 36 page ![]() Product Preview WM8569 w PP Rev 1.1 December 2005 17 AUDIO INTERFACE FORMATS Audio data is applied to the internal DAC filters or output from the ADC filters, via the Digital Audio Interface. 5 popular interface formats are supported: • Left Justified mode • Right Justified mode • I 2S mode • DSP Mode A • DSP Mode B All 5 formats send the MSB first and support word lengths of 16, 20, 24 and 32 bits, with the exception of 32 bit right justified mode, which is not supported. In left justified, right justified and I 2S modes, the digital audio interface receives DAC data on the DIN input and outputs ADC data on DOUT. Audio Data for each stereo channel is time multiplexed with DACLRC/ADCLRC indicating whether the left or right channel is present. DACLRC/ADCLRC is also used as a timing reference to indicate the beginning or end of the data words. In left justified, right justified and I 2S modes, the minimum number of BCLKs per LRC period is 2 times the selected word length. LRC must be high for a minimum of word length BCLKs and low for a minimum of word length BCLKs. Any mark to space ratio on LRC is acceptable provided the above requirements are met. In DSP mode A or B, the DAC channels are time multiplexed onto DIN. LRC is used as a frame sync signal to identify the MSB of the first word. The minimum number of DACBCLKs per DACLRC period is 6 times the selected word length. Any mark to space ratio is acceptable on DACLRC provided the rising edge is correctly positioned. The ADC data may also be output in DSP mode A or B, with ADCLRC used as a frame sync to identify the MSB of the first word. The minimum number of ADCBCLKs per ADCLRC period is 2 times the selected word length if only the ADC is being operated. LEFT JUSTIFIED MODE In left justified mode, the MSB of DIN is sampled by the WM8569 on the first rising edge of DACBCLK following a DACLRC transition. The MSB of the ADC data is output on DOUT and changes on the same falling edge of ADCBCLK as ADCLRC and may be sampled on the rising edge of BCLK. LRC is high during the left samples and low during the right samples (Figure 11). LEFT CHANNEL RIGHT CHANNEL DACLRC/ ADCLRC DACBCLK/ ADCBCLK DIN1/2/3/ DOUT 1/fs n 3 2 1 n-2 n-1 LSB MSB n 3 2 1 n-2 n-1 LSB MSB Figure 11 Left Justified Mode Timing Diagram RIGHT JUSTIFIED MODE In right justified mode, the LSB of DIN is sampled by the WM8569 on the rising edge of DACBCLK preceding a DACLRC transition. The LSB of the ADC data is output on DOUT and changes on the falling edge of ADCBCLK preceding a ADCLRC transition and may be sampled on the rising edge of ADCBCLK. LRC are high during the left samples and low during the right samples (Figure 12). |