| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8569GEDS/RV bảng dữ liệu(PDF) 16 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8569GEDS/RV bảng dữ liệu(HTML) 16 Page - Wolfson Microelectronics plc |
|
16 / 36 page ![]() WM8569 Product Preview w PP Rev 1.1 December 2005 16 DIGITAL AUDIO INTERFACE MASTER AND SLAVE MODES The audio interface operates in either Slave or Master mode, selectable using the DACMS and ADCMS control bits. In both Master and Slave modes DIN is always an input to the WM8569 and DOUT is always an output. The default is Slave mode. In Slave mode, DACLRC, ADCLRC, DACBCLK and ADCBCLK are inputs to the WM8569 (Figure 9). DIN and DACLRC are sampled by the WM8569 on the rising edge of DACBCLK. ADC data is output on DOUT and changes on the falling edge of ADCBCLK. By setting the control bit DACBCP the polarity of DACBCLK may be reversed so that DIN is sampled on the falling edge of DACBCLK. By setting the control bit ADCBCP, the polarity of ADCBCLK may be reversed so that DOUT changes on the rising edge of ADCBCLK. Figure 9 Slave Mode In Master mode, DACLRC, ADCLRC, DACBCLK and ADCBCLK are outputs from the WM8569 (Figure 10). DACLRC, ADCLRC, DACBCLK and ADCBCLK are generated by the WM8569. DIN is sampled by the WM8569 on the rising edge of DACBCLK so the controller must output DAC data that changes on the falling edge of DACBCLK. ADC data is output on DOUT and changes on the falling edge of ADCBCLK. By setting the control bit DACBCP the polarity of DACBCLK may be reversed so that DIN is sampled on the falling edge of DACBCLK. By setting the control bit ADCBCP, the polarity of ADCBCLK may be reversed so that DOUT changes on the rising edge of ADCBCLK. Figure 10 Master Mode |