công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M032 bảng dữ liệu(PDF) 20 Page - Nuvoton Technology Corporation

tên linh kiện M032
Giải thích chi tiết về linh kiện  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUVOTON [Nuvoton Technology Corporation]
Trang chủ  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032 bảng dữ liệu(HTML) 20 Page - Nuvoton Technology Corporation

Back Button M032 Datasheet HTML 16Page - Nuvoton Technology Corporation M032 Datasheet HTML 17Page - Nuvoton Technology Corporation M032 Datasheet HTML 18Page - Nuvoton Technology Corporation M032 Datasheet HTML 19Page - Nuvoton Technology Corporation M032 Datasheet HTML 20Page - Nuvoton Technology Corporation M032 Datasheet HTML 21Page - Nuvoton Technology Corporation M032 Datasheet HTML 22Page - Nuvoton Technology Corporation M032 Datasheet HTML 23Page - Nuvoton Technology Corporation M032 Datasheet HTML 24Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 288 page
background image
M031/M032
Sep. 29, 2020
Page 20 of 288
Rev 2.02
Supports 3-wire, no slave select signal, bi-direction interface.
Supports wake-up function: input slave select transition.
PDMA operation.
Supports one data channel half-duplex transfer.
I
2C
Supports master and slave device capability.
Supports one transmit buffer and two receive buffer for data
payload.
Communication in standard mode (100 kbps), fast mode (up to 400
kbps), and Fast mode plus (1 Mbps).
Supports 7-bit mode (10-bit mode not supported).
Supports 10-bit bus time out capability.
Supports bus monitor mode.
Supports power-down wake-up by data toggle or address match.
Supports multiple address recognition.
Supports device address flag.
Programmable setup/hold time.
External Bus Interface
(EBI)
Supports up to two memory banks with individual adjustment of
timing parameter.
Each bank supports dedicated external chip select pin with polarity
control and up to 1 MB addressing space.
8-/16-bit data width.
Supports byte write in 16-bit data width mode.
Configurable idle cycle for different access condition: Idle of Write
command finish (W2X) and Idle of Read-to-Read (R2R).
Supports Address/Data multiplexed mode.
Supports address bus and data bus separate mode.
Supports LCD interface i80 mode.
PDMA operation.
GPIO
Supports four I/O modes: Quasi bi-direction, Push-Pull output,
Open-Drain output and Input only with high impendence mode.
Configured as interrupt source with edge/level trigger setting.
I/O pin internal pull-up resistor enabled only in Quasi-bidirectional
I/O mode.
Supports 5V-tolerance function except analog IO (PA.10, PA.11,
PB.0~PB.15, PF.2~PF.5).
Enabling the pin interrupt function will also enable the wake-up
function.
Input schmitt trigger function.
Advanced Connectivity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com