công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M032 bảng dữ liệu(PDF) 13 Page - Nuvoton Technology Corporation

tên linh kiện M032
Giải thích chi tiết về linh kiện  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUVOTON [Nuvoton Technology Corporation]
Trang chủ  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032 bảng dữ liệu(HTML) 13 Page - Nuvoton Technology Corporation

Back Button M032 Datasheet HTML 9Page - Nuvoton Technology Corporation M032 Datasheet HTML 10Page - Nuvoton Technology Corporation M032 Datasheet HTML 11Page - Nuvoton Technology Corporation M032 Datasheet HTML 12Page - Nuvoton Technology Corporation M032 Datasheet HTML 13Page - Nuvoton Technology Corporation M032 Datasheet HTML 14Page - Nuvoton Technology Corporation M032 Datasheet HTML 15Page - Nuvoton Technology Corporation M032 Datasheet HTML 16Page - Nuvoton Technology Corporation M032 Datasheet HTML 17Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 288 page
background image
M031/M032
Sep. 29, 2020
Page 13 of 288
Rev 2.02
1
GENERAL DESCRIPTION
The NuMicro
® M031/M032 series 32-bit microcontroller is based on Arm® Cortex® -M0 core with 32-bit
hardware multiplier/divider. It features 1.8 ~ 3.6 V operating voltage, 5 V I/O tolerant, and runs up to
48/72 MHz within -40°C ~105°C.
The M031/M032 series provides a solution for the applications that need 1.8 V low-voltage interface
connection with enhanced fast 2 MSPS conversion rate 12-bit ADC, comparators and up-to 24-ch
96/144 MHz PWM control. It supports a fast and precise data conversion for the voltage, current, and
sensor data, then fast response control to the external device. Additionally, the M031/M032 series also
provides plenty of peripherals including Universal Serial Control Interface(USCI) that can be set as
UART/SPI/I
2C flexibly, up to 10 sets of UART, 4 sets of SPI, 4 sets of I2C, and 1-wire UART interface
for data communication between master and slave devices.
The M031/M032 series provides Flash size from 16 Kbytes to 512 Kbytes, SRAM size from 2 Kbytes
to 96 Kbytes. Supported packages from small form factor TSSOP 20-pin, TSSOP 28-pin, QFN 33-pin,
LQFP 48-pin to LQFP 64-pin and LQFP 128-pin with pin-compatible for different part numbers makes
the system design and parts change easily.
Part Numbers with the M032 series are all based on the M031 series and enhanced with the crystal-
less USB 2.0 full-speed device feature for USB related applications.
For the development, Nuvoton provides the NuMaker-PFM evaluation board and Nuvoton Nu-Link
debugger. The 3
rd Party IDE such as Keil® MDK, IAR EWArm, Eclippse IDE with GNU GCC compilers
are also supported.
Product Line
UART I
2C
SPI/
I
2S
QSPI USCI Timer PWM RTC PDMA EBI
ADC ACMP Divider USBD IEC60730
M031/M032
8
2
1
1
2
4
24
1
9
1
16
2
1
√
√
Table 1-1 NuMicro
® M031/M032 Series Key Features Support Table
The NuMicro
® M031/M032 series is suitable for a wide range of applications such as:
Laser Distance Meter
Air Detector/Cleaner
Mobile LCD Panel Controller
IoT Sensing Device
HMI Controller
Micro Printer
Gaming Keyboard and Mouse
WPC Wireless Charger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com