công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPR-75-XS bảng dữ liệu(PDF) 2 Page - Toppower Electronic Technology Limited

tên linh kiện TPR-75-XS
Giải thích chi tiết về linh kiện  75.6-76.8W AC-DC DIN RAIL Power Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOPPOWER [Toppower Electronic Technology Limited]
Trang chủ  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPR-75-XS bảng dữ liệu(HTML) 2 Page - Toppower Electronic Technology Limited

  TPR-75-XS Datasheet HTML 1Page - Toppower Electronic Technology Limited TPR-75-XS Datasheet HTML 2Page - Toppower Electronic Technology Limited TPR-75-XS Datasheet HTML 3Page - Toppower Electronic Technology Limited TPR-75-XS Datasheet HTML 4Page - Toppower Electronic Technology Limited TPR-75-XS Datasheet HTML 5Page - Toppower Electronic Technology Limited TPR-75-XS Datasheet HTML 6Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TPR/SDR-75-XS Series
www.gztoppower.com
TEL:0086-20-62162688
Email:sales2@gztoppower.com
Page2 / 6
INPUT CHARACTERISTICS
Conditions
Parameter
Rated Input voltage range
100VAC~240 VAC
Input voltage range
85VAC~264 VAC (300vac Max.)
input voltage range
127VDC-360VDC
Frequency Range
47Hz~63Hz
Set-up voltage @-25~70℃
<85 VAC <127VDC
Input current @25℃
<0.95A/100VAC,<0.45 A/230VAC ; 0.77A/130VDC 0.29A/300VDC
Inrush current @25℃
<30A@100 Vac input
<60A@230Vac input
PROTECTION
Conditions
Parameter
Notes
Over-Load (12Voutput)
110%~150% of rated current
Constant power limiting for some time(150% of rated current, last
3S) then PS stop working for 7S,after 7S,if the load <=rated
current, PS will work normally, auto recovery
Over-Load (24Voutput)
110%~150% of rated current
Over-Load (48Voutput)
110%~150% of rated current
Over-voltage(12Voutput)
15~18V
Hiccup mode, Auto recovery
Over-voltage(24Voutput)
29~33V
Over-voltage(48Voutput)
58~65V
Over-temperature
100±5℃, detect on heat sink of power transistor; shut down O/P, auto recovery after temperature goes down
.
Output short circuit protection
Long-term model , auto recovery
ENVIRONMENT CHARACTERISTICS
Conditions
Parameter
Operating amb. Temp.&Humi. (12V output)
-25℃~70℃; 20%~90%RH No condensing
60℃~70℃ 2W/℃ derating
Operating amb. Temp.&Humi. (24V output)
-25℃~70℃; 20%~90%RH No condensing
60℃~70℃ 2W/℃ derating
Operating amb. Temp.&Humi. (48V output)
-25℃~70℃; 20%~90%RH No condensing 60℃~70℃ 2W/℃ derating
Storage Temp. & Humi.
-40℃~85℃; 5%~95%RH
No condensing
Vibration
10 ~ 500Hz, 2G,10min./1cycle, each along X,Y, Z axes IEC 60068-2-6
Pulse
20G/11mS pulse ,3 times at each X,Y,Z axes IEC 60068-2-27
Altitude
6000m
SAFETY&EMC STANDARDS @25℃
Conditions
Parameter
Safety Standards
meet UL508, UL60950, EN60950
Withstand Voltage
I/P-O/P:3.0KVac/10mA; I/P-FG:2.5KVac/10mA; O/P-FG:0.5KVdc/20mA
O/P- DC OK :0.5KVdc/1mA
Test time:1min.
Isolation resistance
1I/P-O/P: 10M ohms;
I/P-FG : 10M ohms;
O/P-FG : 10M ohms
Grounding test
Test condition:32A/1min Grounding resistance:<0.1 ohms
Leakage Current @ 25℃
I/P-Grounding≤3.5mA; I/P-O/P ≤0.25mA (264Vac input, 63Hz)
EMC emission
Compliance to EN55022, EN55024, FCC PART 15
CLASS B
EMC immunity
Compliance to EN61000-4-2,3,4,5,6,11
heavy industry level
Harmaonic current
EN61000-3-2,CLASS A
TOPPOWER



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com