công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPR-75-XS bảng dữ liệu(PDF) 1 Page - Toppower Electronic Technology Limited

tên linh kiện TPR-75-XS
Giải thích chi tiết về linh kiện  75.6-76.8W AC-DC DIN RAIL Power Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOPPOWER [Toppower Electronic Technology Limited]
Trang chủ  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPR-75-XS bảng dữ liệu(HTML) 1 Page - Toppower Electronic Technology Limited

  TPR-75-XS Datasheet HTML 1Page - Toppower Electronic Technology Limited TPR-75-XS Datasheet HTML 2Page - Toppower Electronic Technology Limited TPR-75-XS Datasheet HTML 3Page - Toppower Electronic Technology Limited TPR-75-XS Datasheet HTML 4Page - Toppower Electronic Technology Limited TPR-75-XS Datasheet HTML 5Page - Toppower Electronic Technology Limited TPR-75-XS Datasheet HTML 6Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TPR/SDR-75-XS Series
www.gztoppower.com
TEL:0086-20-62162688
Email:sales2@gztoppower.com
Page1 / 6
DESCRIPTION:
The rated output power of TPR/SDR-75-XS series is 75.6-76.8W,input voltage range:85-264VAC, output
voltage : 12V, 24V, 48V,High reliability, precision,effificency , ultra-small size, stable output voltage and
etc., with short circuit & overload protection, Widely used in telecommunications, industrial control,
instrument, data acquisition, signal control , New Energy, Security,and other electronic systems.
75.6-76.8W AC-DC DIN RAIL Power Supply
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
OUTPUT CHARACTERISTICS
Conditions
Conditions
Parameter
Output voltage regulation
12V output voltage
12-14V
24V output voltage
24-28V
48V output voltage
48-56V
Rated Output current
12V output voltage
6.3A at 12V
5.7A at 14V
24V output voltage
3.2A at 24V
2.85A at 28V
48V output voltage
1.6A at 48V
1.34A at 56V
Rated Output power
12V output voltage
75.6W/12V , 80W/14V
24V output voltage
76.8W/24V , 80W/28V
48V output voltage
76.8W/48V ,80W/56V
Ripple&Noise0<Ta≤70℃
12V output voltage
≤100mVp-p
24V 48V output voltage
≤120mVp-p
Ripple&Noise-25<Ta≤0℃
12V output voltage
≤200mVp-p
24V 48V output voltage
≤240mVp-p
Capacitive load capacity
12V output voltage
3000uF
24V output voltage
2250uF
48V output voltage
1000uF
Line regulation @-25~70℃
±0.5%
Load regulation @-25~70℃
±1.0%
Temp. coefficient @-25~70℃
±0.03%/℃
Set-up time @25℃
≤250mS@230Vac input
≤500mS@100Vac
Hold-up time @25℃
≥20mS@(230Vac input, Full load)
Overshoot&Undershoot
<5.0%
FEATURES
AC input :85VAC-264VAC,DC input:127-360VDC
Built-in DC OK relay contact,Excellent Partial Load Efficiency
Operating temperature:-25℃~70℃
Mounting track: TS-35/7.5 or TS-35/15
Protection:short circuit,over-load,over-voltage,over-temperature
Mini width: 32mm
RoHS complaint
High reliability,effificency,100% full load burn-in test
Built-in current limiting circuit
Built-in active PFC,PF>0.95
Easy Fuse Tripping due to High Overload Current
150% peak load capacity
SELECTION GUIDE
Part Number
Input Volatge
Output
Efficiency
@25℃,
(Typ)%
(VAC)
(VDC)
Voltage
(VDC)
Pre-set voltage
@25℃(V)
Rated current(A)
Rated
power(W)
Rated
Range
Rated
TPR/SDR-75-12S
220
85-264
127-360
12
12.00-12.10
6.3
75.6
88
TPR/SDR-75-24S
220
85-264
127-360
24
24.00-24.20
3.2
76.8
91
TPR/SDR-75-48S
220
85-264
127-360
48
48.0-48.40
1.6
76.8
91
TOPPOWER


Số phần tương tự - TPR-75-XS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toppower Electronic Tec...
TPR-120-12S TOPPOWER-TPR-120-12S Datasheet
748Kb / 6P
100~120W AC-DC DIN RAIL Power Supply
TPR-120-24S TOPPOWER-TPR-120-24S Datasheet
748Kb / 6P
100~120W AC-DC DIN RAIL Power Supply
TPR-120-48S TOPPOWER-TPR-120-48S Datasheet
748Kb / 6P
100~120W AC-DC DIN RAIL Power Supply
TPR-120-XS TOPPOWER-TPR-120-XS Datasheet
748Kb / 6P
100~120W AC-DC DIN RAIL Power Supply
TPR-15-12S TOPPOWER-TPR-15-12S Datasheet
925Kb / 6P
15~15.6W AC-DC DIN RAIL Power Supply
More results

Mô tả tương tự - TPR-75-XS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Arch Electronics Corp.
ADF240 ARCH-ADF240_16 Datasheet
184Kb / 3P
AC-DC Din Rail Power Supply
logo
CUI INC
PDRB-5 CUI-PDRB-5 Datasheet
580Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
PDRB-18 CUI-PDRB-18 Datasheet
577Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
PDRC-10 CUI-PDRC-10 Datasheet
424Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
PDRC-60 CUI-PDRC-60 Datasheet
486Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
PDRB-300 CUI-PDRB-300 Datasheet
583Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
logo
Toppower Electronic Tec...
TPR-U75-XS TOPPOWER-TPR-U75-XS Datasheet
880Kb / 6P
75-76.8W AC-DC DIN RAIL Power Supply
logo
CUI INC
PDRC-10 CUI-PDRC-10_V01 Datasheet
445Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
04/27/2021
PDRB-300 CUI-PDRB-300_V01 Datasheet
591Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
08/04/2020
PDRB-5 CUI-PDRB-5_V01 Datasheet
593Kb / 6P
AC-DC DIN RAIL POWER SUPPLY
08/04/2020
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com