công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VSC8150 bảng dữ liệu(PDF) 19 Page - Vitesse Semiconductor Corporation

tên linh kiện VSC8150
Giải thích chi tiết về linh kiện  2.488Gb/s SONET/SDH Overhead Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VITESSE [Vitesse Semiconductor Corporation]
Trang chủ  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8150 bảng dữ liệu(HTML) 19 Page - Vitesse Semiconductor Corporation

Back Button VSC8150 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 20Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 19
10/12/98
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC8150
2.488Gb/s SONET/SDH
Overhead Monitor
G52186-0, Rev. 3.0
Ordering Information
The order number for this product is formed by a combination of the device number, and package type.
Notice
This document contains preliminary information about a new product in the preproduction phase of devel-
opment. The information in this document is based on initial product characterization. Vitesse reserves the right
to alter specifications, features, capabilities, functions, manufacturing release dates, and even general availabil-
ity of the product at any time. The reader is cautioned to confirm this datasheet is current prior to using it for
design.
Warning
Vitesse Semiconductor Corporation’s product are not intended for use in life support appliances, devices or
systems. Use of a Vitesse product in such applications without the written consent is prohibited.
VSC8150
QQ
Device Type
VSC8150:
Package
2.488Gb/s Overhead Monitor
QQ: 100 PQFP, 14x14mm Body



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20