công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI1520PDV bảng dữ liệu(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCI1520PDV
Giải thích chi tiết về linh kiện  PCI1520/PCI1520I GHK/ZHK/PDV PC Card Controllers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI1520PDV bảng dữ liệu(HTML) 58 Page - Texas Instruments

Back Button PCI1520PDV Datasheet HTML 54Page - Texas Instruments PCI1520PDV Datasheet HTML 55Page - Texas Instruments PCI1520PDV Datasheet HTML 56Page - Texas Instruments PCI1520PDV Datasheet HTML 57Page - Texas Instruments PCI1520PDV Datasheet HTML 58Page - Texas Instruments PCI1520PDV Datasheet HTML 59Page - Texas Instruments PCI1520PDV Datasheet HTML 60Page - Texas Instruments PCI1520PDV Datasheet HTML 61Page - Texas Instruments PCI1520PDV Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 140 page
background image
3−23
NOTE 1: In the D0-uninitialized state, the PCI1520 does not generate PME and/or interrupts. When the IO_EN and MEM_EN bits (bits 0 and
1) of the command register (PCI offset 04h, see Section 4.4) are both set, the PCI1520 switches the state to D0-active. Transition from
D3cold to the D0-uninitialized state happens at the deassertion of PRST. The assertion of GRST forces the controller to the
D0-uninitialized state immediately.
NOTE 2: The PWR_STATE bits (bits 0−1) of the power-management control/status register (PCI offset A4h, see Section 4.38) only code for four
power states, D0, D1, D2, and D3hot. The differences between the three D3 states is invisible to the software because the controller
is not accessible in the D3cold or D3off state.
Similarly, bus power states of the PCI bus are B0−B3. The bus power states B0−B3 are derived from the device power
state of the originating bridge device.
For the operating system (OS) to manage the device power states on the PCI bus, the PCI function should support
four power-management operations. These operations are:
•
Capabilities reporting
•
Power status reporting
•
Setting the power state
•
System wake up
The OS identifies the capabilities of the PCI function by traversing the new capabilities list. The presence of
capabilities in addition to the standard PCI capabilities is indicated by a 1 in bit 4 (CAPLIST) of the status register (PCI
offset 06h, see Section 4.5).
The capabilities pointer provides access to the first item in the linked list of capabilities. For the PCI1520, a CardBus
bridge with PCI configuration space header type 2, the capabilities pointer is mapped to an offset of 14h. The first
byte of each capability register block is required to be a unique ID of that capability. PCI power management has been
assigned an ID of 01h. The next byte is a pointer to the next pointer item in the list of capabilities. If there are no more
items in the list, then the next item pointer must be set to 0. The registers following the next item pointer are specific
to the capability of the function. The PCI power-management capability implements the register block outlined in
Table 3−14.
Table 3−14. Power-Management Registers
REGISTER NAME
OFFSET
Power-management capabilities
Next item pointer
Capability ID
A0h
Data
Power-management control/
status register bridge support
extensions
Power-management control/status (CSR)
A4h
The power management capabilities register (PCI offset A2h, see Section 4.37) provides information on the
capabilities of the function related to power management. The power-management control/status register (PCI offset
A4h, see Section 4.38) enables control of power-management states and enables/monitors power-management
events. The data register is an optional register that can provide dynamic data.
For more information on PCI power management, see the PCI Bus Power Management Interface Specification for
PCI to CardBus Bridges.
3.8.9
CardBus Bridge Power Management
The PCI Bus Power Management Interface Specification for PCI to CardBus Bridges was approved by PCMCIA in
December of 1997. This specification follows the device and bus state definitions provided in the PCI Bus Power
Management Interface Specification published by the PCI Special Interest Group (SIG). The main issue addressed
in the PCI Bus Power Management Interface Specification for PCI to CardBus Bridges is wake-up from D3hot or D3cold
without losing wake-up context (also called PME context).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com