công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCI1520PDV bảng dữ liệu(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện PCI1520PDV
Giải thích chi tiết về linh kiện  PCI1520/PCI1520I GHK/ZHK/PDV PC Card Controllers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

PCI1520PDV bảng dữ liệu(HTML) 44 Page - Texas Instruments

Back Button PCI1520PDV Datasheet HTML 40Page - Texas Instruments PCI1520PDV Datasheet HTML 41Page - Texas Instruments PCI1520PDV Datasheet HTML 42Page - Texas Instruments PCI1520PDV Datasheet HTML 43Page - Texas Instruments PCI1520PDV Datasheet HTML 44Page - Texas Instruments PCI1520PDV Datasheet HTML 45Page - Texas Instruments PCI1520PDV Datasheet HTML 46Page - Texas Instruments PCI1520PDV Datasheet HTML 47Page - Texas Instruments PCI1520PDV Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 140 page
background image
3−9
Table 3−5. Integrated Pullup Resistors
SIGNAL NAME
TERM. NUMBER SOCKET A
TERM. NUMBER SOCKET B
SIGNAL NAME
PDV
GHK
PDV
GHK
A14/CPERR
109
R18
42
N06
A15/CIRDY
117
N18
50
P05
A19/CBLOCK
108
N14
41
N03
A20/CSTOP
111
P17
44
P02
A21/CDEVSEL
113
N15
46
P03
A22/CTRDY
116
N17
49
R02
BVD1(STSCHG)/CSTSCHG
141
H14
73
U09
BVD2(SPKR)/CAUDIO
140
H17
72
V09
CD1/CCD1
83
U11
15
H05
CD2/CCD2
144
G18
75
P09
INPACK/CREQ
130
K17
61
R07
READY/CINT
138
H19
69
V08
RESET/CRST
126
L15
58
W05
VS1/CVS1
137
J15
68
U08
VS2/CVS2
124
L18
56
P07
WAIT/CSERR
139
H18
71
W09
WP(IOIS16)/CCLKRUN
142
H15
74
R09
3.5.7
SPKROUT and CAUDPWM Usage
SPKROUT carries the digital audio signal from the PC Card to the system. When a 16-bit PC Card is configured for
I/O mode, the BVD2 terminal becomes SPKR. This terminal is also used in CardBus binary audio applications, and
is referred to as CAUDIO. SPKR passes a TTL-level digital audio signal to the PCI1520. The CardBus CAUDIO signal
also can pass a single-amplitude binary waveform. The binary audio signals from the two PC Card sockets are XORed
in the PCI1520 to produce SPKROUT. This output is enabled by bit 1 (SPKROUTEN) in the card control register (PCI
offset 91h, see Section 4.32).
Older controllers support CAUDIO in binary or PWM mode but use the same terminal (SPKROUT). Some audio chips
may not support both modes on one terminal and may have a separate terminal for binary and PWM. The PCI1520
implementation includes a signal for PWM, CAUDPWM, which can be routed to an MFUNC terminal. Bit 2
(AUD2MUX), located in the card control register, is programmed on a per-socket function basis to route a CardBus
CAUDIO PWM terminal to CAUDPWM. If both CardBus functions enable CAUDIO PWM routing to CAUDPWM, then
socket 0 audio takes precedence. See Section 4.30, Multifunction Routing Register, for details on configuring the
MFUNC terminals.
Figure 3−6 provides an illustration of a sample application using SPKROUT and CAUDPWM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com