| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FMS1 bảng dữ liệu(PDF) 2 Page - Carlo Gavazzi Holding AG |
|
|
|||||||||||||||||||||||||||||
FMS1 bảng dữ liệu(HTML) 2 Page - Carlo Gavazzi Holding AG |
|
2 / 2 page ![]() 2 Specifications are subject to change without notice (13.07.16) FM Series Operating Distance Magnetic Units CL10 CL11 CL18 CL20S1 CL20S3 CL23 CL31 FMA3, FMS1 11 25 9 20 19 15 25 FMA6 16 36 15 30 28 23 33 FMA9S1 -- - - 20 -- FMC3 8 20/4* 7 17/2* 16/1* 12/0.5* 20/4* FMA3S5 9 23 7 18 17 13 23 FMC3S1 6 18/2* 5 15/2* 14/1* 10/1* 18/2* Distances are specified in millimeters (mm) xx /xx: operating distance (for all Output functions); xx/xx*: reswitching contact distance. Outside the above mentioned range, the sensor mantains the initial state. Wiring Diagrams Dimensions 100 M12x1 M12x1 M10x0.75 M10x0.75 30 M12x1.25 32 19 14 19.5 2.5 9.3 25.5 3 40 M12x1 M12x1 Output function NO yellow FMS1 FMA3 FMC3 Output function NC Output function CO blue black blue yellow black blue FMA6 FMA3S5 FMC3S1 FMA9S1 |