công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FMS1 bảng dữ liệu(PDF) 1 Page - Carlo Gavazzi Holding AG

tên linh kiện FMS1
Giải thích chi tiết về linh kiện  Proximity Magnetic Sensors Cylindrical Housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Trang chủ  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

FMS1 bảng dữ liệu(HTML) 1 Page - Carlo Gavazzi Holding AG

  FMS1 Datasheet HTML 1Page - Carlo Gavazzi Holding AG FMS1 Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice (13.07.16)
1
Operating distance
See Operating Distance
table
Suitable magnetic unit
See Operating Distance
table
Operating temperature
-25 to +70 °C
Degree of protection
IP 67
Housing
Diameter
FMA3, FMC3, FMS1
Ø 9.3 mm
FMA3S5, FMC3S1, FMA9S1 M12 x 1 mm
FMA6
M10 x 0.75 mm
Material
FMA3, FMC3, FMS1
Plastic
FMA6
Nickel plated brass
FMA3S5, FMC3S1, FMA9S1 Brass
CE-marking
Yes
General Specifications
Type Selection
Proximity Magnetic Sensors
Cylindrical Housing
FM Series
• Cylindrical and plastic, brass or
nickel plated brass housing
• M10, M12, Ø 9.3 diameter
• NO, NC or CO output functions
• Front side switching
Ordering Key
FM C 3 S1
The
cylindrical
proximity
magnetic sensors of the FM
series are available in differ-
ent versions with plastic or
brass
housing,
different
dimensions and output con-
tacts. The models can be
mounted directly on ferro-
magnetic supports as well;
in this situation a reduction
in the operating distance
may occur due to a loss of
magnetic field.
Product Description
Type
Output function
Reed contact type
Special version
Output
FMA3, FMA3S5, FMA6, FMA9S1 NO
FMC3, FMC3S1
NC
FMS1
Change-over
Contact ratings
Max Switching Voltage
FMA3, FMA3S5,
FMC3, FMC3S1
500 VAC
FMS1
100 VAC
FMA6
100 VAC
FMA9S1
230 VAC/DC
Max Switching Current
FMA3, FMA3S5,
FMC3, FMC3S1
0.5 A
FMS1
0.25 A
FMA6
0.5 A
FMA9S1
3 A
Max Switching Power
FMA3, FMA3S5,
FMC3, FMC3S1
5 VA
FMS1
100 VA
FMA6
100 VA
FMA9S1
60 VA
Output Specifications
Housing diameter
Connection
Output function
Reference
Ø 9.3
PVC cable L= 0.5m
NO
FM A 3
M12
PVC cable L= 2m
NO
FM A 3 S5
M10
PVC cable L= 2m
NO
FM A 6
M12
PVC cable L= 2m
NO
FM A 9 S1
Ø 9.3
PVC cable L= 0.5m
NC
FM C 3
M12
PVC cable L= 2m
NC
FM C 3 S1
Ø 9.3
PVC cable L= 0.5m
CO
FM S 1
Diameters are specified in millimeters (mm)


Số phần tương tự - FMS1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Winsonic Electronics
FMS1703-2F35L2 WINSONIC-FMS1703-2F35L2 Datasheet
125Kb / 1P
Flush Mount (OSD front), 17" LCD monitor, 1920 x 1920, LED 350 nits, VGA input, wide view angle
FMS1703-2FA0L2 WINSONIC-FMS1703-2FA0L2 Datasheet
125Kb / 1P
Flush Mount (OSD front), 17" LCD monitor, 1920 x 1920, LED 1000nits, VGA input, wide view angle
logo
Rohm
FMS1A ROHM-FMS1A Datasheet
42Kb / 3P
Emitter common (dual digital transistors)
More results

Mô tả tương tự - FMS1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Carlo Gavazzi Holding A...
FSMS2S2AT CARLOGAVAZZI-FSMS2S2AT Datasheet
64Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FSLPA7 CARLOGAVAZZI-FSLPA7 Datasheet
44Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FSA2S32MT CARLOGAVAZZI-FSA2S32MT Datasheet
73Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FMPA7S1 CARLOGAVAZZI-FMPA7S1 Datasheet
52Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing FMP Series
FMMPA7L25 CARLOGAVAZZI-FMMPA7L25 Datasheet
40Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
FMMA3 CARLOGAVAZZI-FMMA3 Datasheet
46Kb / 2P
Proximity Magnetic Sensors Cylindrical Housing
SMSA2M02 CARLOGAVAZZI-SMSA2M02 Datasheet
119Kb / 3P
Safety Magnetic Sensors Cylindrical Safety Magnetic Sensors
SB2S5 CARLOGAVAZZI-SB2S5 Datasheet
55Kb / 2P
Proximity Magnetic Sensors Rectangular Housing
MSA1 CARLOGAVAZZI-MSA1 Datasheet
54Kb / 2P
Proximity Magnetic Sensors Rectangular Housing
MMA3 CARLOGAVAZZI-MMA3 Datasheet
54Kb / 2P
Proximity Magnetic Sensors Rectangular Housing
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com