| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTM4677 bảng dữ liệu(PDF) 59 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
LTM4677 bảng dữ liệu(HTML) 59 Page - Analog Devices |
|
59 / 110 page ![]() LTC3888-1 59 Rev. 0 For more information www.analog.com Load sharing accuracy is based on the power stage out- put current monitor interface of each slave phase. The gain matching errors of these channels tend to be small and negligible. The input-referred offset of the LTC3888-1 current interface is trimmed at the factory but will still dominate the sharing error budget, especially at lower phase current levels. Specifications for on-chip and off- chip output current matching are given in the Electrical Characteristics table. These specifications do not include the current error created by mismatch of the output cur- rent monitors of the individual power stages. Every master channel on a rail should use identical values for all PMBus commands related to output voltage control (including margin and start/stop timing), input and output warning limits (both voltage and current), all fault limits and associated responses, and all PWM configuration controls. The correct current sense gain should also be set for each master (IOUT_CAL_GAIN) to achieve accu- rate IOUT telemetry and consistent fault handling across phases. A PolyPhase power supply significantly reduces the amount of ripple current in both the input and output capacitors. The RMS input ripple current is divided by, and the effective ripple frequency is multiplied by, the number of phases used as long as the input voltage is greater than the number of phases times the output volt- age. Output voltage ripple amplitude is also reduced by the number of phases used. Figure 40 graphically illus- trates the principle. The worst-case RMS ripple current for a single stage design peaks at an input voltage of twice the output volt- age. The worst case RMS ripple current for a 2-phase design peaks at output voltages of one-quarter and three- quarters of the input voltage. When the RMS current is calculated, higher effective duty factor results and the peak current levels are divided as long as the current in each stage is balanced. Refer to Application Note 19 for a detailed description of how to calculate RMS current for a single stage switching regulator. Figure 41 and Figure 42 illustrate how the input and output currents are reduced by using an additional phase. For a 2-phase converter, the input current peaks drop in half and the frequency is doubled. The input capacitor requirement is then theoreti- cally reduced by a factor of four. APPLICATIONS INFORMATION Figure 40. Single and 2-Phase Current Waveforms 388812 F40 SW1 V ICIN ICOUT SINGLE PHASE SW1 V SW2 V ICIN IL2 IL1 ICOUT DUAL PHASE RIPPLE Figure 41. Normalized RMS Input Ripple Current 0 0.1 0.2 0.3 0.4 388812 F41 0.5 0.6 DUTY FACTOR (VOUT/VIN) 0.1 0.3 0.5 0.6 0.2 0.4 0.7 0.8 0.9 1-PHASE 2-PHASE DUTY FACTOR (VOUT/VIN) 0.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0.3 0.5 0.6 388812 F42 0.2 0.4 0.7 0.8 0.9 1-PHASE 2-PHASE Figure 42. Normalized Output Ripple Current |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |