| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN10 bảng dữ liệu(PDF) 68 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SN10 bảng dữ liệu(HTML) 68 Page - List of Unclassifed Manufacturers |
|
68 / 98 page ![]() ILEC SN10 User Manual Assigned Area Task (AAT) The SN10 uses the adjusted turnpoints for planning the task, including calculating ETF d the turnpoints. Normally, you adjust ght. As you modify your plan during the it looks like you should turn now to shorten the task SN10 will d on the next t ecide to turn towards the next turnpoint, you must tell the SN10. Place the cursor on (Estimated Time to Finish) and final-glide aroun the turnpoints on the ground for your planned fli flight, you may adjust the turnpoint locations in order to get updated ETF and final glide information. 8.4 AAT In Flight When you fly into each AAT area on the task, the SN10 notifies you and gives you the opportunity to turn at this instant. If the weather is looking poor and as much as possible, press ENTER and mark and record that point then procee leg. Normally, you will probably fly some distance into each turn area; in this case press HELP when you see d his message. When you later th p ‘a e turnpoint (for example AAT Pt1,on the task page, status page, or custom page), and ress ENTER. The SN10 will update the present turnpoint to your current location, mark it chieved’, redraw the moving map, and recalculate the ETF and final glide. e • If you do not turn at the edge notify you when you reach th you decide to turn. 8.5 AAT Notes Answers to a few common AAT qu stions: of the AAT area, the SN10 will not automatically e planned turnpoint. You must tell the SN10 when • The SN10 creates automatic Pt1 and so on. These points are henever you create or edit an AAT. They will appear in your list of turnpoints but should be ignored. They can contests use a final steering turnpoint, for example to ensure all finishers d small radius. P mode. You should switch back to l the SN10 setup pages. turnpoint entries in your database named AAT automatically set w be deleted from the SN10 database if you like. • Some come from the same direction or to steer enter an AAT cylinder area with the specifie • You can only change the AAT areas in SETU flight mode after entering an AAT to hide al around illegal airspace. In this case, just Software Version 2.31 Manual Revised 13-Dec-2005 Page 61 of 91 |