| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN10 bảng dữ liệu(PDF) 48 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SN10 bảng dữ liệu(HTML) 48 Page - List of Unclassifed Manufacturers |
|
48 / 98 page ![]() ILEC SN10 User Manual Using the SN10 with Your PC 6 Using the SN10 with Your PC Use a PC to update the SN10 to a new software version, load site database information into the SN10, and to retrieve flight logs in IGC format after a flight. Your SN-10 includes software compatible with both older DOS PC’s and Microsoft Windows PC’s (either 16- bit Windows 3.1, or 32-bit Windows 95, 98, ME, NT, or 2000). This software also works on modern Macintosh PCs running under MacOS 8.6 or later and which include Microsoft Windows running under Connectix Virtual PC Version 3.0 or later. You can download the latest SN-10 software from ILECs web site or your dealers web site. The PC must have a serial port to communicate with the SN10. Almost all older PCs have a serial port. For newer computers with USB and no serial port (and running a version of Windows that supports USB), you must use a USB-to-serial converter. You normally download a prepared SN10 database file (NDB file) from the Internet. Alternatively, you can create your own custom NDB file on your PC, using one of many methods to edit or create an NDB file. This chapter explains how to install the SN10 utility software on your PC, how to load NDB files into your SN10, how to retrieve your IGC-format flight record (datalog) from your SN10, and how to perform SN10 software updates. Software Version 2.31 Manual Revised 13-Dec-2005 Page 41 of 91 |