công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F280049CPMSR bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện F280049CPMSR
Giải thích chi tiết về linh kiện  TMS320F28004x Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

F280049CPMSR bảng dữ liệu(HTML) 2 Page - Texas Instruments

  F280049CPMSR Datasheet HTML 1Page - Texas Instruments F280049CPMSR Datasheet HTML 2Page - Texas Instruments F280049CPMSR Datasheet HTML 3Page - Texas Instruments F280049CPMSR Datasheet HTML 4Page - Texas Instruments F280049CPMSR Datasheet HTML 5Page - Texas Instruments F280049CPMSR Datasheet HTML 6Page - Texas Instruments F280049CPMSR Datasheet HTML 7Page - Texas Instruments F280049CPMSR Datasheet HTML 8Page - Texas Instruments F280049CPMSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 230 page
background image
– Augments existing peripheral capability
– Supports position manager solutions
• InstaSPIN-FOC™
– Sensorless field-oriented control (FOC) with
FAST™ software encoder
– Library in on-chip ROM memory
• Package options:
– 100-pin Low-profile Quad Flatpack (LQFP)
[PZ suffix]
– 64-pin LQFP [PM suffix]
– 56-pin Very Thin Quad Flatpack No-lead
(VQFN) [RSH suffix]
• Temperature options:
– S: –40°C to 125°C junction
– Q: –40°C to 125°C free-air
(AEC Q100 qualification for automotive
applications)
2 Applications
• Medium/short range radar
• Air conditioner outdoor unit
• Door operator drive control
• Automated sorting equipment
• CNC control
• Textile machine
• Welding machine
• AC charging (pile) station
• DC charging (pile) station
• EV charging station power module
• Wireless vehicle charging module
• Energy storage power conversion system (PCS)
• Central inverter
• Solar power optimizer
• String inverter
• DC/DC converter
• Inverter & motor control
• On-board (OBC) & wireless charger
• AC drive control module
• AC drive power stage module
• Linear motor power stage
• Servo drive control module
• AC-input BLDC motor drive
• DC-input BLDC motor drive
• Industrial AC-DC
• Three phase UPS
• Merchant network & server PSU
• Merchant telecom rectifiers
TMS320F280049, TMS320F280049C, TMS320F280048, TMS320F280048C, TMS320F280045,
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
SPRS945F – JANUARY 2017 – REVISED FEBRUARY 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280048 TMS320F280048C
TMS320F280045 TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com