công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F280049CPMSR bảng dữ liệu(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện F280049CPMSR
Giải thích chi tiết về linh kiện  TMS320F28004x Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

F280049CPMSR bảng dữ liệu(HTML) 52 Page - Texas Instruments

Back Button F280049CPMSR Datasheet HTML 48Page - Texas Instruments F280049CPMSR Datasheet HTML 49Page - Texas Instruments F280049CPMSR Datasheet HTML 50Page - Texas Instruments F280049CPMSR Datasheet HTML 51Page - Texas Instruments F280049CPMSR Datasheet HTML 52Page - Texas Instruments F280049CPMSR Datasheet HTML 53Page - Texas Instruments F280049CPMSR Datasheet HTML 54Page - Texas Instruments F280049CPMSR Datasheet HTML 55Page - Texas Instruments F280049CPMSR Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 230 page
background image
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per
AEC Q100-002(1)
All pins
±2000
V
Charged device model (CDM),
per AEC Q100-011
All pins
±500
Corner pins on 100-pin PZ:
1, 25, 26, 50, 51, 75, 76, 100
±750
F28004x in 64-pin PM package (Q temperature range)
V(ESD)
Electrostatic discharge
Human body model (HBM), per
AEC Q100-002(1)
All pins
±2000
V
Charged device model (CDM),
per AEC Q100-011
All pins
±500
Corner pins on 64-pin PM:
1, 16, 17, 32, 33, 48, 49, 64
±750
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.4 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Device supply voltage, VDDIO and VDDA
Internal BOR enabled(3)
VBOR-VDDIO(MAX) + VBOR-
GB
(2)
3.3
3.63
V
Internal BOR disabled
2.8
3.3
3.63
Device supply voltage, VDD
1.14
1.2
1.32
V
Device ground, VSS
0
V
Analog ground, VSSA
0
V
SRSUPPLY
Supply ramp rate of VDDIO, VDD,
VDDA with respect to VSS.(4)
105
V/s
tVDDIO-RAMP
VDDIO supply ramp time from
1 V to VBOR-VDDIO(MAX)
10
ms
VBOR-GB
VDDIO BOR guard band(5)
0.1
V
Junction temperature, TJ
S version(1)
–40
125
°C
Free-Air temperature, TA
Q version(1)
(AEC Q100 qualification)
–40
125
°C
(1)
Operation above TJ = 105°C for extended duration will reduce the lifetime of the device.
See CalculatingUsefulLifetimesofEmbeddedProcessors for more information.
(2)
The VDDIO BOR voltage (VBOR-VDDIO[MAX]) in Electrical Characteristics determines the lower voltage bound for device operation. TI
recommends that system designers budget an additional guard band (VBOR-GB) as shown in Figure 7-1.
(3)
Internal BOR is enabled by default.
(4)
Supply ramp rate faster than this can trigger the on-chip ESD protection.
(5)
TI recommends VBOR-GB to avoid BOR resets due to normal supply noise or load-transient events on the 3.3-V VDDIO system
regulator. Good system regulator design and decoupling capacitance (following the system regulator specifications) are important to
prevent activation of the BOR during normal device operation. The value of VBOR-GB is a system-level design consideration; the voltage
listed here is typical for many applications.
TMS320F280049, TMS320F280049C, TMS320F280048, TMS320F280048C, TMS320F280045,
TMS320F280041, TMS320F280041C, TMS320F280040, TMS320F280040C
SPRS945F – JANUARY 2017 – REVISED FEBRUARY 2021
www.ti.com
52
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F280049 TMS320F280049C TMS320F280048 TMS320F280048C
TMS320F280045 TMS320F280041 TMS320F280041C TMS320F280040 TMS320F280040C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com