| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320F28375DPTP bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F28375DPTP bảng dữ liệu(HTML) 8 Page - Texas Instruments |
|
8 / 226 page ![]() Table 6-1. Device Comparison (continued) FEATURE(1) 28379D 28379D-Q1 28378D 28377D 28377D-Q1 28376D 28375D 28374D Package Type (ZWT is an nFBGA package. PTP is an HLQFP package. PZP is an HTQFP package.) 337-Ball ZWT 176-Pin PTP 176-Pin PTP 337-Ball ZWT 176-Pin PTP 337-Ball ZWT 176-Pin PTP 337-Ball ZWT 176-Pin PTP 100-Pin PZP 337-Ball ZWT 176-Pin PTP Enhanced Pulse Width Modulator (ePWM) channels – Type 4 24 24 15 24 eQEP modules – Type 0 3 3 2 3 High-resolution ePWM channels – Type 4 16 16 9 16 SDFM channels – Type 0 8 8 6 8 Communication Peripherals (3) Controller Area Network (CAN) – Type 0(4) 2 Inter-Integrated Circuit (I2C) – Type 0 2 Multichannel Buffered Serial Port (McBSP) – Type 1 2 SCI - Type 0 4 4 3 4 Serial Peripheral Interface (SPI) – Type 2 3 USB – Type 0 1 uPP – Type 0 1 Temperature and Qualification Junction Temperature (TJ) T: –40°C to 105°C Yes No Yes Yes No Yes S: –40°C to 125°C Yes Q: –40°C to 150°C(5) Yes Yes No Yes No Free-Air Temperature (TA) Q: –40°C to 125°C(5) Yes Yes No Yes No (1) A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor differences between devices that do not affect the basic functionality of the module. For more information, see the C2000 Real-Time Control Peripherals Reference Guide. (2) Time between start of sample-and-hold window to start of sample-and-hold window of the next conversion. (3) For devices that are available in more than one package, the peripheral count listed in the smaller package is reduced because the smaller package has less device pins available. The number of peripherals internally present on the device is not reduced compared to the largest package offered within a part number. See Section 7 to identify which peripheral instances are accessible on pins in the smaller package. (4) The CAN module uses the IP known as D_CAN. This document uses the names CAN and D_CAN interchangeably to reference this peripheral. (5) The letter Q refers to AEC Q100 qualification for automotive applications. TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021 www.ti.com 8 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |