| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320F28375DPTP bảng dữ liệu(PDF) 49 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F28375DPTP bảng dữ liệu(HTML) 49 Page - Texas Instruments |
|
49 / 226 page ![]() 8 Specifications 8.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) MIN MAX(1) (2) UNIT Supply voltage VDDIO with respect to VSS –0.3 4.6 V VDD3VFL with respect to VSS –0.3 4.6 VDDOSC with respect to VSS –0.3 4.6 VDD with respect to VSS –0.3 1.5 Analog voltage VDDA with respect to VSSA –0.3 4.6 V Input voltage VIN (3.3 V) –0.3 4.6 V Output voltage VO –0.3 4.6 V Input clamp current Digital/analog input (per pin), IIK (VIN < VSS/VSSA or VIN > VDDIO/VDDA)(3) –20 20 mA Total for all inputs, IIKTOTAL (VIN < VSS/VSSA or VIN > VDDIO/VDDA) –20 20 Output current Digital output (per pin), IOUT –20 20 mA Free-Air temperature TA –40 125 °C Operating junction temperature TJ –40 150 °C Storage temperature(4) Tstg –65 150 °C (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under Section 8.4 is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values are with respect to VSS, unless otherwise noted. (3) Continuous clamp current per pin is ±2 mA. Do not operate in this condition continuously as VDDIO/VDDA voltage may internally rise and impact other electrical specifications. (4) Long-term high-temperature storage or extended use at maximum temperature conditions may result in a reduction of overall device life. For additional information, see Semiconductor and IC Package Thermal Metrics. www.ti.com TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021 Copyright © 2021 Texas Instruments Incorporated Submit Document Feedback 49 Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |