| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320F28075PZP bảng dữ liệu(PDF) 94 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F28075PZP bảng dữ liệu(HTML) 94 Page - Texas Instruments |
|
94 / 192 page ![]() 7.10.2 Comparator Subsystem (CMPSS) Each CMPSS module includes two comparators, two internal voltage reference DACs (CMPSS DACs), two digital glitch filters, and one ramp generator. There are two inputs, CMPINxP and CMPINxN. Each of these inputs will be internally connected to an ADCIN pin. The CMPINxP pin is always connected to the positive input of the CMPSS comparators. CMPINxN can be used instead of the DAC output to drive the negative comparator inputs. There are two comparators, and therefore two outputs from the CMPSS module, which are connected to the input of a digital filter module before being passed on to the Comparator TRIP crossbar and either PWM modules or directly to a GPIO pin. Figure 7-33 shows CMPSS connectivity on the 176-pin PTP package. Figure 7-34 shows CMPSS connectivity on the 100-pin PZP package. CTRIPOUT1H CTRIP1H CTRIP1L CTRIP2L CTRIPOUT2H CTRIP2H CTRIPOUT8H CTRIP8H CTRIP8L ePWMs ePWM X-BAR CTRIPOUT2L CTRIPOUT8L CTRIP1H CTRIP1L CTRIP2H CTRIP2L CTRIP8H CTRIP8L GPIO Mux Output X-BAR CTRIPOUT1H CTRIPOUT1L CTRIPOUT2H CTRIPOUT2L CTRIPOUT8H CTRIPOUT8L Comparator Subsystem 1 VDDA or VDAC Digital Filter Digital Filter DAC12 DAC12 CTRIPOUT1L Comparator Subsystem 2 VDDA or VDAC Digital Filter Digital Filter DAC12 DAC12 Comparator Subsystem 8 VDDA or VDAC Digital Filter Digital Filter DAC12 DAC12 CMPIN1P Pin CMPIN1N Pin CMPIN2N Pin CMPIN8N Pin CMPIN2P Pin CMPIN8P Pin Figure 7-33. CMPSS Connectivity (176-Pin PTP) TMS320F28076, TMS320F28075 SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021 www.ti.com 94 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: TMS320F28076 TMS320F28075 |