công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP39F511A bảng dữ liệu(PDF) 61 Page - Microchip Technology

tên linh kiện MCP39F511A
Giải thích chi tiết về linh kiện  AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511A bảng dữ liệu(HTML) 61 Page - Microchip Technology

Back Button MCP39F511A Datasheet HTML 57Page - Microchip Technology MCP39F511A Datasheet HTML 58Page - Microchip Technology MCP39F511A Datasheet HTML 59Page - Microchip Technology MCP39F511A Datasheet HTML 60Page - Microchip Technology MCP39F511A Datasheet HTML 61Page - Microchip Technology MCP39F511A Datasheet HTML 62Page - Microchip Technology MCP39F511A Datasheet HTML 63Page - Microchip Technology MCP39F511A Datasheet HTML 64Page - Microchip Technology MCP39F511A Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
 2018 Microchip Technology Inc.
DS20006044A-page 61
MCP39F511A
28-Lead Plastic Quad Flat, No Lead Package (MQ) – 5x5 mm Body [QFN] Land Pattern
With 0.55 mm Contact Length
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Microchip Technology Drawing C04-2140A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68