công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343ZHHT bảng dữ liệu(PDF) 23 Page - Texas Instruments

tên linh kiện TMS320C28343ZHHT
Giải thích chi tiết về linh kiện  TMS320C2834x Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZHHT bảng dữ liệu(HTML) 23 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 19Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 20Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 21Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 22Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 23Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 24Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 25Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 26Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 170 page
background image
Table 6-1. Signal Descriptions (continued)
NAME
ZHH
BALL #
ZFE
BALL #
DESCRIPTION
GPIO83
-
XA11
B5
C6
General-purpose input/output 83 (I/O/Z)
-
External Interface Address Line 11 (O)
GPIO84
-
XA12
D5
A5
General-purpose input/output 84 (I/O/Z)
-
External Interface Address Line 12 (O)
GPIO85
-
XA13
D4
B5
General-purpose input/output 85 (I/O/Z)
-
External Interface Address Line 13 (O)
GPIO86
-
XA14
A3
C5
General-purpose input/output 86 (I/O/Z)
-
External Interface Address Line 14 (O)
GPIO87
-
XA15
B3
A4
General-purpose input/output 87 (I/O/Z)
-
External Interface Address Line 15 (O)
XRD
A14
D15
External Interface Read Enable (O). The XRD pin is high-impedance on reset. It stays that way as
long as the XINTF clock is turned off (which happens on reset).
XWE1
C13
E14
External Memory Interface Write Enable for Upper 16-bits (O). The XWE1 pin is high-impedance on
reset. It stays that way as long as the XINTF clock is turned off (which happens on reset).
CPU and I/O Power Pins
VDD18
E8
A6
Oscillator and PLL Power Pin (1.8 V)
VDD18
C7
A11
VSSK
B8
A8
Oscillator Kelvin Reference Ground. This pin should not be connected to Vss. See Figure 8-29
through Figure 8-31 for proper application board connections.
www.ti.com
TMS320C28346, TMS320C28346-Q1, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28343-Q1, TMS320C28342, TMS320C28341
SPRS516F – MARCH 2009 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMS320C28346 TMS320C28346-Q1 TMS320C28345 TMS320C28344 TMS320C28343
TMS320C28343-Q1 TMS320C28342 TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com