công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343ZHHT bảng dữ liệu(PDF) 64 Page - Texas Instruments

tên linh kiện TMS320C28343ZHHT
Giải thích chi tiết về linh kiện  TMS320C2834x Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZHHT bảng dữ liệu(HTML) 64 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 60Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 61Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 62Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 63Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 64Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 65Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 66Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 67Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 170 page
background image
7.9.4.6.2 McBSP as SPI Master or Slave Timing
7.9.4.6.2.1 McBSP as SPI Master or Slave Timing Requirements (CLKSTP = 10b, CLKXP = 0) (1)
NO.
MASTER
SLAVE
UNIT
MIN
MAX
MIN
MAX
M30
tsu(DRV-CKXL)
Setup time, DR valid before CLKX low
30
8P – 10
ns
M31
th(CKXL-DRV)
Hold time, DR valid after CLKX low
1
8P – 10
ns
M32
tsu(BFXL-CKXH)
Setup time, FSX low before CLKX high
8P + 10
ns
M33
tc(CKX)
Cycle timez, CLKX
2P(2)
16P
ns
(1)
For all SPI slave modes, CLKX must be a minimum of 8 CLKG cycles. Furthermore, CLKG should be LSPCLK/2 by setting CLKSM =
CLKGDV = 1.
(2)
2P = 1/CLKG
7.9.4.6.2.2 McBSP as SPI Master or Slave Switching Characteristics (CLKSTP = 10b, CLKXP = 0)
NO.
PARAMETER
MASTER
SLAVE
UNIT
MIN
MAX
MIN
MAX
M24
th(CKXL-FXL)
Hold time, FSX low after CLKX low
2P(1)
ns
M25
td(FXL-CKXH)
Delay time, FSX low to CLKX high
P
ns
M26
td(CLKXH-DXV)
Delay time, CLKX low to DX valid
–2
0
3P + 6
5P + 20
ns
M28
tdis(FXH-DXHZ)
Disable time, DX high impedance following
last data bit from FSX high
6
6P + 6
ns
M29
td(FXL-DXV)
Delay time, FSX low to DX valid
6
4P + 6
ns
(1)
2P = 1/CLKG
Bit 0
Bit(n-1)
(n-2)
(n-3)
(n-4)
Bit 0
Bit(n-1)
(n-2)
(n-3)
(n-4)
CLKX
FSX
DX
M30
M31
DR
M28
M24
M29
M25
LSB
MSB
M32
M33
M26
Figure 7-22. McBSP Timing as SPI Master or Slave: CLKSTP = 10b, CLKXP = 0
TMS320C28346, TMS320C28346-Q1, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28343-Q1, TMS320C28342, TMS320C28341
SPRS516F – MARCH 2009 – REVISED FEBRUARY 2021
www.ti.com
64
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320C28346 TMS320C28346-Q1 TMS320C28345 TMS320C28344 TMS320C28343
TMS320C28343-Q1 TMS320C28342 TMS320C28341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com