công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAQ23875BBCZ bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADAQ23875BBCZ
Giải thích chi tiết về linh kiện  16-Bit, 15 MSPS, 關Module Data Acquisition Solution
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADAQ23875BBCZ bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADAQ23875BBCZ Datasheet HTML 1Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 2Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 3Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 4Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 5Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 6Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 7Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 8Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
16-Bit, 15 MSPS,
µModule Data Acquisition Solution
Data Sheet
ADAQ23875
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Integrated fully differential ADC driver with signal scaling
Wide input common-mode voltage range
High common-mode rejection
Single-ended to differential conversion
±2.048 V input range with 4.096 V REFBUF
Critical passive components
0.005% precision matched resistor array for FDA
9 mm × 9 mm, 0.80 mm pitch, 100-ball CSP_BGA package
4× footprint reduction vs. discrete solution
Low power, dynamic power scaling, power-down mode
143 mW typical at 15 MSPS
Throughput: 15 MSPS, no pipeline delay
INL: ±0.6 LSB typical, ±1 LSB maximum
SINAD: 89 dB typical at 1 kHz
THD: −115 dB at 1 kHz, −106 dB at 400 kHz
Gain error: 0.005%FS typical
Gain error drift: ±1 ppm/°C maximum
On-board reference buffer with VCMO generation
Serial LVDS interface
Wide operating temperature range: −40°C to +85°C
APPLICATIONS
ATE
Data acquisition
Hardware in the Loop (HiL)
Power analyzers
Nondestructive test (acoustic emissions)
Mass spectrometry
Travelling wave fault location
Medical imaging and instruments
Ultrasonic flow meters
GENERAL DESCRIPTION
The ADAQ23875 is a precision, high speed, μModule® data
acquisition solution that reduces the development cycle of a
precision measurement systems by transferring the design
burden of component selection, optimization, and layout from
the designer to the device.
Using system-in-package (SIP) technology, the ADAQ23875
reduces end system component count by combining multiple
common signal processing and conditioning blocks in a single
device, solving many design challenges. These blocks include a
low noise, fully differential analog-to-digital converter (ADC)
driver (FDA), a stable reference buffer, and a high speed, 16-bit,
15 MSPS successive approximation register (SAR) ADC.
Using Analog Devices, Inc., iPassives® technology, the
ADAQ23875 also incorporates crucial passive components
with superior matching and drift characteristics to minimize
temperature dependent error sources and to offer optimized
performance (see Figure 1). The fast settling of the ADC driver
stage, with fully differential or single-ended to differential input
and no latency of the SAR ADC, provides a unique solution for
high channel count multiplexed signal chain architectures and
control loop applications.
The small footprint, 9 mm × 9 mm CSP_BGA package enables
smaller form factor instruments without sacrificing performance.
Single, 5 V supply operation is possible while achieving optimum
performance from the device. The ADAQ23875 features a serial
low voltage differential signaling (LVDS) digital interface with
one-lane or two-lane output modes, allowing the user to
optimize the interface data rate for each application. The
specified operation of the μModule is from −40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
0.2µF
24.9Ω
15kΩ
24.9Ω
10µF
82pF
82pF
GND
PDB_ADC
VDD
REFBUF
REFIN
2
2.048V
REFERENCE
0.5
VCMO
VS+
0.1µF
VIO
CNV+, CNV–
DA+/DA–, DB+/DB–,
DCO+, DCO–
CLK+, CLK–
SERIAL LVDS
INTERFACE
IN–
IN–
IN+
IN+
+1.024V
–1.024V
0V
0V
–1V
–1V
0V
16-BIT, 15MSPS ADC
ADAQ23875
550Ω
550Ω
0.1µF
0.1µF
1.3pF
1.3pF
VS–
PDB_AMP
1.1kΩ
VCMO
1.1kΩ
FDA
IN–
IN+
+1.024V
–1.024V
+4V
+4V
+4V
IN–
IN+
EXAMPLE 1
EXAMPLE 2
EXAMPLE 3
+1.024V
–1.024V
–1V
0.1µF
0.1µF
Figure 1. ADAQ23875 Configured for Gain = 2, ±2.048 V Differential Input Range


Số phần tương tự - ADAQ23875BBCZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADAQ23876 AD-ADAQ23876 Datasheet
3Mb / 37P
16-Bit, 15 MSPS, 關Module Data Acquisition Solution
1/2022-Revision 0
ADAQ23876 AD-ADAQ23876 Datasheet
1Mb / 7P
Precision Low Latency Development Kit
Rev. 0
ADAQ23876BBCZ AD-ADAQ23876BBCZ Datasheet
3Mb / 37P
16-Bit, 15 MSPS, 關Module Data Acquisition Solution
1/2022-Revision 0
ADAQ23878 AD-ADAQ23878 Datasheet
5Mb / 37P
18-Bit, 15 MSPS, 關Module Data Acquisition Solution
12/2021-Revision 0
ADAQ23878BBCZ AD-ADAQ23878BBCZ Datasheet
5Mb / 37P
18-Bit, 15 MSPS, 關Module Data Acquisition Solution
12/2021-Revision 0
More results

Mô tả tương tự - ADAQ23875BBCZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
16-Channel,12-Bit Data Acquisition System
ADAS3022 AD-ADAS3022 Datasheet
802Kb / 40P
16-Bit, 1 MSPS, 8-Channel Data Acquisition System
REV. A
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
16-Channel, 12-Bit Data Acquisition System
logo
Analog Devices
DAS1155 AD-DAS1155_15 Datasheet
1Mb / 4P
14 BIT 15 BIT LOW LEVEL DATA ACQUISITION SYSTEMS
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
16 Channel 12 Bit Data Acquisition System
REV. A
ADAQ7980 AD-ADAQ7980 Datasheet
1Mb / 49P
16-Bit, 1 MSPS, Integrated Data Acquisition Subsystem
Rev. 0
ADAQ4001 AD-ADAQ4001 Datasheet
3Mb / 38P
16-Bit, 2 MSPS, 關Module Data Acquisition Solution
5/2021-Revision 0
ADAQ23876 AD-ADAQ23876 Datasheet
3Mb / 37P
16-Bit, 15 MSPS, 關Module Data Acquisition Solution
1/2022-Revision 0
ADAQ23878 AD-ADAQ23878 Datasheet
5Mb / 37P
18-Bit, 15 MSPS, 關Module Data Acquisition Solution
12/2021-Revision 0
ADAQ4003 AD-ADAQ4003 Datasheet
921Kb / 35P
18-Bit, 2 MSPS, 關Module Data Acquisition Solution
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com