công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAQ23875BBCZ bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện ADAQ23875BBCZ
Giải thích chi tiết về linh kiện  16-Bit, 15 MSPS, 關Module Data Acquisition Solution
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADAQ23875BBCZ bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button ADAQ23875BBCZ Datasheet HTML 4Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 5Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 6Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 7Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 8Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 9Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 10Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 11Page - Analog Devices ADAQ23875BBCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ADAQ23875
Data Sheet
Rev. 0 | Page 8 of 23
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
A
GND
IN1−
IN1+
GND
GND
GND
GND
VIO
GND
CNV+
B
PDB_AMP
IN1−
IN1+
GND
GND
GND
GND
TWOLANES
GND
CNV−
C
GND
VS+
GND
VS+
VS−
GND
GND
GND
GND
GND
D
GND
GND
GND
GND
GND
VCMO
GND
GND
GND
CLK+
E
GND
GND
GND
VS+
GND
GND
GND
GND
GND
CLK−
F
NC
NC
GND
GND
GND
GND
GND
GND
GND
GND
G
GND
GND
GND
GND
GND
GND
GND
GND
GND
DCO+
H
VS+
GND
GND
GND
GND
GND
GND
GND
GND
DCO−
J
VS−
GND
REFBUF
REFBUF
GND
GND
GND
GND
GND
DA+
K
GND
GND
REFIN
GND
PDB_ADC
VDD
TESTPAT
DB−
DB+
DA−
Figure 5. 100-Ball CSP_BGA Pin Configuration, Top View
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
A1, A4 to A7, A9, B4 to B7, B9,
C1, C3, C6 to C10, D1 to D5,
D7 to D9, E1 to E3, E5 to E8,
E9, F3 to F10, G1 to G9, H2 to
H9, J2, J5 to J9, K1, K2, K4
GND
P
Power Supply Ground.
A2, B2
IN1−
AI
Negative Input of the FDA Connected to a 550 Ω Resistor.
A3, B3
IN1+
AI
Positive Input of the FDA Connected to a 550 Ω Resistor.
A8
VIO
P
2.5 V Analog and Output Power Supply. The range of VIO is 2.375 V to 2.625 V. The low
dropout (LDO) regulator output generating the VIO supply of the μModule must be
bypassed with an at least 2.2 μF (0402, X5R) ceramic capacitor to GND.
A10
CNV+
DI
Conversion Start LVDS Input. A rising edge on CNV+ puts the internal sample and
hold in hold mode and starts a conversion cycle. CNV+ can also be driven with a
2.5 V CMOS signal if CNV− is connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com