| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADA4355ABCZ bảng dữ liệu(PDF) 11 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4355ABCZ bảng dữ liệu(HTML) 11 Page - Analog Devices |
|
11 / 45 page ![]() Data Sheet ADA4355 Rev. A | Page 11 of 45 D0AN D0AP D1AN D1AP FCON BYTEWISE MODE FCOP D0AN D0AP D1AN D1AP FCON DCOP DCON DCON CLKP CLKN DCOP FCOP BITWISE MODE SDR DDR D10 N – 16 D08 N – 16 D06 N – 16 D04 N – 16 D02 N – 16 LSB N – 16 D10 N – 17 D08 N – 17 D06 N – 17 D04 N – 17 D02 N – 17 LSB N – 17 MSB N – 16 D09 N – 16 D07 N – 16 D05 N – 16 D03 N – 16 D01 N – 16 MSB N – 17 D09 N – 17 D07 N – 17 D05 N – 17 D03 N – 17 D01 N – 17 D05 N – 16 D04 N – 16 D03 N – 16 D02 N – 16 D01 N – 16 LSB N – 16 D05 N – 17 D04 N – 17 D03 N – 17 D02 N – 17 D01 N – 17 LSB N – 17 MSB N – 16 D10 N – 16 D09 N – 16 D08 N – 16 D07 N – 16 D06 N – 16 MSB N – 17 D10 N – 17 D09 N – 17 D08 N – 17 D07 N – 17 D06 N – 17 tEH tCPD tFRAME tFCO tPD tDATA tLD tEL INPUT tA N – 1 N N + 1 Figure 9. 12-Bit DDR/SDR, Two-Lane, 2× Frame Mode D0AN D0AP FCON DCOP CLKP INPUT CLKN DCON FCOP D12 N – 17 MSB N – 17 D11 N – 17 D10 N – 17 D9 N – 17 D8 N – 17 D7 N – 17 D6 N – 17 D5 N – 17 D4 N – 17 D3 N – 17 D2 N – 17 D1 N – 17 LSB N – 17 0 N – 17 0 N – 17 MSB N – 16 D14 N – 16 D13 N – 16 tA tDATA tEH tFCO tFRAME tPD tCPD tEL N – 1 N Figure 10. Wordwise DDR, One-Lane, 1× Frame, 16-Bit Output Mode |