công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC24FJ128GL303 bảng dữ liệu(PDF) 8 Page - Microchip Technology

tên linh kiện PIC24FJ128GL303
Giải thích chi tiết về linh kiện  16-Bit eXtreme Low-Power Microcontrollers with LCD Controller in Low Pin Count Packages
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GL303 bảng dữ liệu(HTML) 8 Page - Microchip Technology

Back Button PIC24FJ128GL303 Datasheet HTML 4Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 5Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 6Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 7Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 8Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 9Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 10Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 11Page - Microchip Technology PIC24FJ128GL303 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 424 page
background image
PIC24FJ128GL306 FAMILY
DS30010198B-page 8
 2019-2020 Microchip Technology Inc.
TABLE 5:
48-PIN TQFP/UQFN COMPLETE PIN FUNCTION DESCRIPTIONS
Pin
Function
Pin
Function
1
LCDBIAS2/RE5
25
SEG12/RP16/RF3
2
LCDBIAS1/RE6
26
SEG47/RP31/SDA1/OCM1F/INT0/RG3
3
LCDBIAS0/RE7
27
SEG28/SCL1/RG2
4VLCAP1/C1INC/C2INC/C3INC(2)/RP26/RG7
28
VDD
5VLCAP2/AN19/C2IND/RP19/RG8
29
OSCI/CLKI/RC12
6MCLR
30
OSCO/CLKO/RC15
7VSS
31
VSS
8VDD
32
SEG15/C3IND/RP3/RD10
9
PGC3/SEG2/AN5/C1INA/RP18/SCL1(1)/OCM1A/RB5
33
SEG16/C3INC/RP12/RD11
10 PGD3/SEG3/AN4/C1INB/RP28/SDA1(1)/OCM1B/RB4
34
SEG17/RP11/RD0
11 PGC1/SEG6/CVREF-/AN1/AN1-/C2INA/RP1/RB1
35
SOSCI/RC13
12 PGD1/SEG7/VREF+/CVREF+/AN0/C2INB/RP0/RB0
36
SOSCO/SCLKI/RPI37/PWRLCLK/RC14
13 PGC2/LCDBIAS3/AN6/C1IND/RP6/RB6
37
SEG22/RP22/RD3
14 PGD2/AN7/RP7/T1CK/RB7
38
SEG23/RP25/RD4
15 AVDD
39
SEG24/RP20/RD5
16 AVSS
40
SEG25/C3INB/RD6
17 COM7/SEG31/AN8/RP8/RB8
41
SEG26/C3INA/RD7
18 COM6/SEG30/AN9/RP9/RB9
42
VCAP
19 TMS/COM5/SEG29/CVREF/AN10/RP15/RB10
43
VSS
20 TDO/AN11/RB11
44
COM4/SEG48/RP2/OCM1E/RF1
21 TCK/SEG8/AN14/RP14/OCM1C/RB14
45
COM3/RE0
22 TDI/SEG9/AN15/RP29/OCM1D/RB15
46
COM2/RE1
23 SEG10/RP10/SDA2/RF4
47
COM1/RE2
24 SEG11/RP17/SCL2/RF5
48
COM0/HLVDIN/RE3
Legend: RPn and RPIn represent remappable pins for Peripheral Pin Select (PPS) functions.
Note 1:
Alternate pin assignments for I2C1 as determined by the ALTI2C1 Configuration bit.
2:
Alternate pin assignments for C3INC as determined by the ALTCMPI Configuration bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More