| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VSC8221HH bảng dữ liệu(PDF) 62 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
VSC8221HH bảng dữ liệu(HTML) 62 Page - Microsemi Corporation |
|
62 / 138 page ![]() VSC8221 Data Sheet VMDS-10106 Revision 4.1 December 2006 62 of 62 62 21 PHY OPERATING MODES The PHY Operating Mode is set according to the value of Mii Register 23.15:12,23.2:1. For more information, see Section 18 on page 53 and Section 19 on page 57 for details on PHY Operating Mode configuration at startup. The following table summarizes the PHY operating modes. Note: For more information about VSC8221 operating modes, see Designing a Copper SFP using the VSC8221 application note available on the Microsemi Web site. Table 29. PHY Operating Modes Operating Mode Category Mii Register 23.15:12, 23.2:1 CMODE2 [3:0] MAC interface Media interface Other Settings Serial MAC PHY Oper- ating Modes 1111, 00 0100 802.3z Ser- Des CAT5 Clause 37 disabled 1110, 01 1110 802.3z Ser- Des CAT5 Clause 37 enabled 1110, 10 1010 802.3z Ser- Des CAT5 Clause 37 enabled, Media Convertor Mode 1110, 00 0000 802.3z Ser- Des CAT5 With Clause 37 Auto-Negotiation Detection 1010, 01 1111 SGMii CAT5 625Mhz SCLK Clock Disabled 1000, 01 0101 SGMii CAT5 625MHz SCLK Clock Enabled 1001, 00 SGMii CAT5 Modified Clause 37 auto-negotiation disabled, 625MHz SCLK Clock Enabled 1011, 00 SGMii CAT5 Modified Clause 37 auto-negotiation disabled, 625MHz SCLK Clock Disabled |