công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VN3205 bảng dữ liệu(PDF) 10 Page - Microchip Technology

tên linh kiện VN3205
Giải thích chi tiết về linh kiện  N-Channel Enhancement-Mode Vertical DMOS FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VN3205 bảng dữ liệu(HTML) 10 Page - Microchip Technology

Back Button VN3205 Datasheet HTML 6Page - Microchip Technology VN3205 Datasheet HTML 7Page - Microchip Technology VN3205 Datasheet HTML 8Page - Microchip Technology VN3205 Datasheet HTML 9Page - Microchip Technology VN3205 Datasheet HTML 10Page - Microchip Technology VN3205 Datasheet HTML 11Page - Microchip Technology VN3205 Datasheet HTML 12Page - Microchip Technology VN3205 Datasheet HTML 13Page - Microchip Technology VN3205 Datasheet HTML 14Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
VN3205
DS20005995A-page 10
2021 Microchip Technology Inc.
3-Lead TO-243AA (SOT-89) Package Outline (N8)
Symbol
A
b
b1
C
D
D1
E
E1
e
e1
H
L
Dimensions
(mm)
MIN
1.40
0.44
0.36
0.35
4.40
1.62
2.29
2.00
†
1.50
BSC
3.00
BSC
3.94
0.73
†
NOM
--------
--
MAX
1.60
0.56
0.48
0.44
4.60
1.83
2.60
2.29
4.25
1.20
JEDEC Registration TO-243, Variation AA, Issue C, July 1986.
† This dimension differs from the JEDEC drawing
Drawings not to scale.
b
b1
D
D1
E H
E1
C
A
12
3
e
e1
Top View
Side View
L
Note: For the most current package drawings, see the Microchip Packaging Specification at www.microchip.com/packaging.
Note: For the most current package drawings, see the Microchip Packaging Specification at www.microchip.com/packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14