công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AFCT-701ASDZ bảng dữ liệu(PDF) 12 Page - Broadcom Corporation.

tên linh kiện AFCT-701ASDZ
Giải thích chi tiết về linh kiện  10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOARDCOM [Broadcom Corporation.]
Trang chủ  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AFCT-701ASDZ bảng dữ liệu(HTML) 12 Page - Broadcom Corporation.

Back Button AFCT-701ASDZ Datasheet HTML 8Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 9Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 10Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 11Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 12Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 13Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 14Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 15Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 16Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
Table 8. Optical Specifications
The following characteristics are defined over the Recommended Operating Conditions unless otherwise noted.
Parameter
Minimum
Typical
Maximum
Units
Notes
Transmitter
Laser OMA output power
-5.2
dBm
1
Laser mean output power
-8.2
0.5
dBm
1
Laser off power
-30
dBm
1
Extinction ratio
3.5
dB
1
Transmitter and dispersion penalty (TDP)
3.2
dB
1
Center Wavelength
1260
1355
nm
Side Mode Suppression Ratio - SMSR
30
dB
RIN12OMA
-128
dB/Hz
1
Optical Return Loss Tolerance
12
dB
1
Transmitter Output Eye Mask
1, See Figure 4b
Receiver
Stressed sensitivity (OMA)
-10.3
dBm
1
Receive sensitivity (OMA)
-12.6
dBm
Receive Power (Pave) Overload
0.5
dBm
1
Reflectance
-12
dB
1
Center Wavelength
1260
1355
nm
1
RX_LOS (OMA) De-Assert
-17
dBm
3
RX_LOS (OMA) Assert
-30
dBm
3
RX_LOS (OMA) Hysteresis
0.5
dB
Vertical eye closure penalty
2.2
dB
2
Stressed eye jitter
0.3
UI p-p
2
General Specification Considerations (Notes):
1. IEEE 802.3ae Clause 52 compliant.
2. Vertical eye closure and stressed eye jitter are test conditions for stressed sensitivity (OMA) measurements.
3. Loss of Signal (LOS) detection responds only to OMA and the indicator will respond unpredictably with the application of unmodulated optical
power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com