công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AFCT-701ASDZ bảng dữ liệu(PDF) 5 Page - Broadcom Corporation.

tên linh kiện AFCT-701ASDZ
Giải thích chi tiết về linh kiện  10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOARDCOM [Broadcom Corporation.]
Trang chủ  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AFCT-701ASDZ bảng dữ liệu(HTML) 5 Page - Broadcom Corporation.

  AFCT-701ASDZ Datasheet HTML 1Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 2Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 3Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 4Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 5Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 6Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 7Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 8Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
Regulatory Compliance
The AFCT-701ASDZ complies with all applicable laws
and regulations as detailed in Table 1. Certification level
is dependent on the overall configuration of the host
equipment. The transceiver performance is offered as a
figure of merit to assist the designer.
Electrostatic Discharge (ESD)
The AFCT-701ASDZ is compatible with ESD levels found
in typical manufacturing and operating environments
as described in Table 1. In the normal handling and op-
eration of optical transceivers, ESD is of concern in two
circumstances.
The first case is during handling of the transceiver prior
to insertion into an SFP compliant cage. To protect the
device, it’s important to use normal ESD handling pre-
cautions. These include use of grounded wrist straps,
work-benches and floor wherever a transceiver is han-
dled.
The second case to consider is static discharges to the
exterior of the host equipment chassis after installation.
If the optical interface is exposed to the exterior of host
equipment cabinet, the transceiver may be subject to
system level ESD requirements.
Electromagnetic Interference (EMI)
Equipment incorporating 10 gigabit transceivers is
typically subject to regulation by the FCC in the United
States, CENELEC EN55022 (CISPR 22) in Europe and VCCI
in Japan. The AFCT-701ASDZ enables equipment com-
pliance to these standards detailed in Table 1. The metal
housing and shielded design of the AFCT-701ASDZ min-
imizes the EMI challenge facing the equipment designer.
For superior EMI performance it is recommended that
equipment designs utilize SFP+ cages per SFF 8432.
RF Immunity (Susceptibility)
Due to its shielded design, the EMI immunity of the AF-
CT-701ASDZ exceeds typical industry standards.
Eye Safety
The AFCT-701ASDZ provides Class 1 (single fault toler-
ant) eye safety by design and has been tested for com-
pliance with the requirements listed in Table 1. The eye
safety circuit continuously monitors the optical output
power level and will disable the transmitter upon de-
tecting a condition beyond the scope of Class 1 certi-
fication Such conditions can be due to inputs from the
host board (Vcc fluctuation, unbalanced code) or a fault
within the transceiver. US CDRH and EU TUV certificates
are listed in table 1.
Flammability
The AFCT-701ASDZ optical transceiver is made of metal
and high strength, heat resistant, chemical resistant and
UL 94V-0 flame retardant plastic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com