công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZSSC3230 bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp

tên linh kiện ZSSC3230
Giải thích chi tiết về linh kiện  Capacitive Sensor Signal Conditioner IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3230 bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp

Back Button ZSSC3230 Datasheet HTML 9Page - Renesas Technology Corp ZSSC3230 Datasheet HTML 10Page - Renesas Technology Corp ZSSC3230 Datasheet HTML 11Page - Renesas Technology Corp ZSSC3230 Datasheet HTML 12Page - Renesas Technology Corp ZSSC3230 Datasheet HTML 13Page - Renesas Technology Corp ZSSC3230 Datasheet HTML 14Page - Renesas Technology Corp ZSSC3230 Datasheet HTML 15Page - Renesas Technology Corp ZSSC3230 Datasheet HTML 16Page - Renesas Technology Corp ZSSC3230 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
ZSSC3230 Datasheet
© 2019 Integrated Device Technology, Inc.
13
October 15, 2019
6.2
Capacitive Sensor Front-End
The capacitance amplifier input range (CRANGE) must be adjusted to the external capacitance conditions for signal (CSIGNAL) and offset shift
(COFFSET) as given in Equation 1. See Figure 6 for an illustration of the terms.
C
RANGE = COFFSET + CSIGNAL
Equation 1
COFFSET operates as a zero-shift capacitance to cancel a given offset by the sensor. The offset-shift capacitance must not exceed the selected
input capacitance range CRANGE. For COFFSET, the respective configuration must be set up in the EEPROM for the shift_cap parameter (bits[5:0]
in memory register 12HEX; see Table 16).
The correlating setup for CSIGNAL must be done in the EEPROM for parameter cap_range (bits[13:9] in memory register 12HEX). In Table 16, the
respective values are given. These values can be measured in the positive and negative direction, so the effective range of CSIGNAL will be
doubled compared to the cap_range setting. The principle is shown in Figure 6.
Figure 6. Capacitive Input Signal Conditions
C0
CC
CC
ZSSC3230
VDD
VSS
SDA
SCL
RESQ
EOC
COFFSET
CSIGNAL
COFFSET
+ Capacitance Range
– Capacitance Range
Sensor Characteristic
CSIGNAL
COFFSET
CSIGNAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39