| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACFM-7103 bảng dữ liệu(PDF) 5 Page - Broadcom Corporation. |
|
|
|||||||||||||||||||||||||||||
ACFM-7103 bảng dữ liệu(HTML) 5 Page - Broadcom Corporation. |
|
5 / 20 page ![]() 5 Maximum Recommended Operating Conditions [2] Parameter Unit Value Operating temperature, Tc [3] , Tx Power ≤ 29 dBm °C –40 to +100 Operating temperature, Tc [3] , Tx Power ≤ 30 dBm °C –40 to +85 Notes: 1. Operation in excess of any one of these conditions may result in permanent damage to the device. 2. The device will function over the recommended range without degradation in reliability or permanent change in performance, but is not guaranteed to meet electrical specifications. 3. TC is defined as case temperature, the temperature of the underside of the quintplexer where it makes contact with the circuit board. Absolute Maximum Ratings [1] Parameter Unit Value Storage temperature °C –65 to +125 Maximum RF Input Power to Tx Ports dBm +33 |