| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STPMIC1 bảng dữ liệu(PDF) 94 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPMIC1 bảng dữ liệu(HTML) 94 Page - STMicroelectronics |
|
94 / 140 page ![]() 6.4.7 REFDDR ALTERNATE mode control register (REFDDR_ALT_CR) Table 44. REFDDR_ALT_CR 7 6 5 4 3 2 1 0 reserved reserved reserved reserved reserved reserved reserved ENA R/W R/W R/W R/W R/W R/W R/W R/W Address: 0x34 Type: read/write register Default: 0x00 Description: REFDDR ALTERNATE mode control register. The register is initialized in CHECK&LOAD mode. User can write to this register to control enable of REFDDR that is applied to ALTERNATE mode. [7 :1] Reserved [0] ENA: REFDDR enable bit 0: REFDDR is disabled 1: REFDDR is enabled STPMIC1 Power supplies control registers DS12792 - Rev 7 page 94/140 |